Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-005R Datasheet(PDF) 2 Page - Epson Company

Part # C-005R
Description  SMALL CYLINDER LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

C-005R Datasheet(HTML) 2 Page - Epson Company

  C-005R Datasheet HTML 1Page - Epson Company C-005R Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CRYSTALMASTER
NOTICE
SEIKO EPSON CORP. QUARTZ DEVICE DIVISION acquired ISO9001 and ISO14001 certification
by B.V.Q. I. (Bureau Veritas Quality International) .
ISO9001 in October, 1992.
ISO14001 in November,1997.
No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko
Epson. Seiko Epson reserves the right to make changes to this material without notice. Seiko Epson does not assume any
liability of any kind arising out of any inaccuracies contained in this material or due to its application or use in any product or
circuit and, further, there is no representation that this material is applicable to products requiring high level reliability, such as,
medical products. Moreover, no license to any intellectual property rights is granted by implication or otherwise, and there is no
representation or warranty that anything made in accordance with this material will be free from any patent or copyright
infringement of a third party. This material of portions there may contain technology or the subject relating to strategic products
under the control of the Foreign Exchange and Foreign Trade Control Law of Japan and may require an export license from the
Ministry of International Trade and Industry or other approval from another government agency.
ENERGY SAVING EPSON
Our concept of Energy Saving technology conserves
resources by blending the essence of these three efficiency
technologies. The essence of these technologies is repre-
sented in each of the products that we provide to our cus-
tomers.
In the industrial sector, leading priorities include mea-
sures to counter the greenhouse effect by reducing CO2,
measures to preserve the global environ-
ment, and the development of energy-
efficient products. Environmental
problems are of global concern, and
although the contribution of energy-
saving technology developed by
EPSON may appear insignificant,
we seek to contribute to the develop-
ment of energy-saving products by our
customers through the utilization of our electronic devices.
EPSON is committed to the conservation of energy, both
for the sake of people and of the planet on which we live.
EPSON offers effective savings to its customers through
a wide range of electronic devices, such as semiconductors,
liquid crystal display (LCD) modules, and crystal devices.
These savings are achieved through a sophisticated melding
of three different efficiency technologies.
Power saving technology
provides low power con-
sumption at low voltages.
Space saving technology
provides further reductions
in product size and weight
through super-precise pro-
cessing and high-density
assembly technology.
Time saving technology
shortens the time required
for design and development
on the customer side and
shortens delivery times.
Energy Saving
Power Saving
Space Saving
Time Saving
Resource
Saving


Similar Part No. - C-005R

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
C-005R EPSONTOYOCOM-C-005R Datasheet
258Kb / 1P
   CYLINDER
More results

Similar Description - C-005R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC306 ETC-MC306 Datasheet
28Kb / 1P
   SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Epson Company
MC-405 EPSON-MC-405 Datasheet
54Kb / 1P
   SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
FC255 ETC-FC255 Datasheet
201Kb / 2P
   THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
logo
Epson Company
MC-206 EPSON-MC-206 Datasheet
57Kb / 1P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
MC-156 EPSON-MC-156 Datasheet
82Kb / 2P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
MC206 ETC-MC206 Datasheet
28Kb / 1P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
MA-306 ETC1-MA-306 Datasheet
30Kb / 1P
   SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT
logo
Epson Company
SG-10 EPSON-SG-10 Datasheet
30Kb / 1P
   SIP LOW/MEDIUM-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
AB145 ABRACON-AB145 Datasheet
150Kb / 1P
   MINIATURE CYLINDER HIGH FREQUENCY CRYSTAL
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1832A TAI-SAW-TZ1832A Datasheet
700Kb / 5P
   Cylinder DIP Type 12MHz Crystal Unit
REV. NO.: 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com