Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7232A Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST7232A
Description  8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232A Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST7232A Datasheet HTML 140Page - STMicroelectronics ST7232A Datasheet HTML 141Page - STMicroelectronics ST7232A Datasheet HTML 142Page - STMicroelectronics ST7232A Datasheet HTML 143Page - STMicroelectronics ST7232A Datasheet HTML 144Page - STMicroelectronics ST7232A Datasheet HTML 145Page - STMicroelectronics ST7232A Datasheet HTML 146Page - STMicroelectronics ST7232A Datasheet HTML 147Page - STMicroelectronics ST7232A Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 154 page
background image
ST7232A
144/154
ST7232A DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2 ROM DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
ROM devices can be ordered in any combination
of memory size and temperature range with the
types given in Figure 85 and by completing the op-
tion list on the next page.
ROM customer code is made up of the ROM con-
tents and the list of the selected options (if any).
The ROM contents are to be sent with the S19
hexadecimal file generated by the development
tool. All unused bytes must be set to FFh.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 85. ROM Factory Coded Device Types
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
1= Standard 0 to +70 °C
5= Standard -10 to +85 °C
6= Standard -40 to +85 °C
A = Automotive -40 to +85 °C
T= Plastic Thin Quad Flat Pack
B= Plastic Dual in Line
ST7232AK1, ST7232AK2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com