Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7232A Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7232A
Description  8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232A Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7232A Datasheet HTML 146Page - STMicroelectronics ST7232A Datasheet HTML 147Page - STMicroelectronics ST7232A Datasheet HTML 148Page - STMicroelectronics ST7232A Datasheet HTML 149Page - STMicroelectronics ST7232A Datasheet HTML 150Page - STMicroelectronics ST7232A Datasheet HTML 151Page - STMicroelectronics ST7232A Datasheet HTML 152Page - STMicroelectronics ST7232A Datasheet HTML 153Page - STMicroelectronics ST7232A Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 154 page
background image
ST7232A
152/154
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
tion is not doing anything between the idle and the
break. This can be ensured by temporarily disa-
bling interrupts.
The exact sequence is:
- Disable interrupts
- Reset and Set TE (IDLE request)
- Set and Reset SBK (Break Request)
- Re-enable interrupts
15.1.6 39-Pulse ICC Entry Mode
For Flash devices, ICC mode entry using ST7 ap-
plication clock (39 pulses) is not supported. Exter-
nal clock mode must be used (36 pulses). Refer to
the ST7 Flash Programming Reference Manual.
15.2 ROM DEVICES ONLY
15.2.1 I/O Port A and F Configuration
When using an external quartz crystal or ceramic
resonator, a few fOSC2 clock periods may be lost
when the signal pattern in Table 31 occurs . This is
because this pattern causes the device to enter
test mode and return to user mode after a few
clock periods. User program execution and I/O
status are not changed, only a few clock cycles are
lost.
This happens with either one of the following con-
figurations:
PA3=0, PF4=1, PF1=0 while PLL option is disa-
bled and PF0 is toggling
PA3=0, PF4=1, PF1=0, PF0=1 while PLL option is
enabled
This is detailed in the following table
Table 31. Port A and F Configuration:
As a consequence, for cycle-accurate operations,
these configurations are prohibited in either input
or output mode.
Workaround:
To avoid this occurring, it is recommended to con-
nect one of these pins to GND (PF4 or PF0) or
VDD (PA3 or PF1).
15.2.2 External clock source with PLL
PLL is not supported with external clock source.
PLL PA3 PF4 PF1
PF0
Clock
Disturbance
OFF
010
Toggling
Max. 2 clock cy-
cles lost at each
rising or falling
edge of PF0
ON
010
1
Max. 1 clock cy-
cle lost out of
every 16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com