Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D7 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST92195D7
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D7 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST92195D7 Datasheet HTML 149Page - STMicroelectronics ST92195D7 Datasheet HTML 150Page - STMicroelectronics ST92195D7 Datasheet HTML 151Page - STMicroelectronics ST92195D7 Datasheet HTML 152Page - STMicroelectronics ST92195D7 Datasheet HTML 153Page - STMicroelectronics ST92195D7 Datasheet HTML 154Page - STMicroelectronics ST92195D7 Datasheet HTML 155Page - STMicroelectronics ST92195D7 Datasheet HTML 156Page - STMicroelectronics ST92195D7 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 249 page
background image
153/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
Page Handler
The page handler controls all packet types other
filtered than those already mentioned (i.e. packets
X/0 to X/28).These packets are filtered magazine-
wise by the Acquisition Unit.
Two registers, called “Page Opened” Register
(ACQPOR) and “Magazine Locked” Register (AC-
QMLR), are programmed by software before each
VBI and define for each magazine which filtering
type is requested.
Note: A Teletext page is opened by receiving a
“header” (a header corresponds to a packet X/0).
A page can not be closed by hardware. Also, re-
ceiving a service packet does not close the current
page of the corresponding magazine (if it was al-
ready opened).
Assuming magazine i (counted from 0 to 7), the
associated bits PORi and MLRi act as follows:
When a magazine is closed, then no Data of this
magazine will be stored (except for the Service
packets described in the preceding paragraph).
When a “page closed” configuration is set up, then
no data of the corresponding magazine will be
stored until the next header of that magazine is re-
ceived. Starting from this new header, with a
«page open» configuration, all the following maga-
zine information will be stored till the end of the
VBI. The data storage will be always done to the
VBI area.
A status register called “New Header Received”
register (ACQNHR) associated to these control
registers, is also available. It provides for each
magazine a flag NHRi which must be reset by soft-
ware before the beginning of the next VBI. This
flag will be set to “1” by hardware when a new
header of the corresponding magazine is received
and stored.
Warning: Accessing the “Page Opened”, the
“Magazine Locked” or the “New Header Received”
Registers during the VBI when the Teletext Acqui-
sition is running may lead to a malfunctioning of
the filtering unit.
Once the VBI is finished, the application can easily
determine what happened during the VBI by
checking the current state of the 3 registers (AC-
QPOR, ACQMLR and ACQNHR). The following
table clarifies the different possible situations that
may be produced at the end of the VBI.
Warning: The (MLRi=1 & PORi=1) combination is
reserved for non-user mode.
MLRi PORi
Comments
10
Magazine locked. No storage even a
header coming
0
0
Page closed, wait for new header
0
1
Page opened. Storage
MLRi PORi NHRi
Comments
1
0
-
Magazine locked; no storage done
00
0
No storage for that magazine dur-
ing the VBI
00
1
Storage started on new header re-
ceived
01
0
Current page not yet closed; data
received or not
01
1
Current page closed; new page
started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com