Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D7 Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST92195D7
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D7 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST92195D7 Datasheet HTML 165Page - STMicroelectronics ST92195D7 Datasheet HTML 166Page - STMicroelectronics ST92195D7 Datasheet HTML 167Page - STMicroelectronics ST92195D7 Datasheet HTML 168Page - STMicroelectronics ST92195D7 Datasheet HTML 169Page - STMicroelectronics ST92195D7 Datasheet HTML 170Page - STMicroelectronics ST92195D7 Datasheet HTML 171Page - STMicroelectronics ST92195D7 Datasheet HTML 172Page - STMicroelectronics ST92195D7 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 249 page
background image
169/249
ST92195C/D - VPS & WSS SLICER
VPS & WSS SLICER (Cont’d)
7.8.6 WSS Data Group Assignments
The 14 data bits of the WSS signal are divided
into 4 groups. Group 1 contains 4 bits in which the
first 3 carry data and the last bit is the odd parity bit
for the first three bits. Group 2 contains 4 data bits.
Group 3 and Group 4 contain 3 data bits.
Group 1 Data: Aspect Ratio Bits
Bits 0, 1, and 2 are data bits with Bit 3 contains the
odd parity bit. The data bits in Group 1 are defined
in Table 30 Group1 Data Bits.
Group 2 Data: Enhanced Service Bits
B(4)
Film bit defined by: '0' is camera mode, '1'
is film mode.
B(7)-B(5)
Reserved. Set to “0”.
Group 3 Data: Subtitle Bits
B(8)
This bit denotes if subtitles are within the
teletext.
When “0”; Subtitles are NOT found within
teletext.
When “1”; Subtitles are found within tele-
text.
B(9) and B(10) are Subtitling mode bits defined in
the following table:
Group 4 Data: Reserved Bits
B(13)-B(11)
These bits are reserved. They are set to
“0”.
Table 30. Group1 Data Bits
The number of active lines is only an indication for the exact aspect ratios a=1.33, a=1.56, and a=1.78.
(*) The actual transmitted aspect ratio is 4:3 but a 14:9 window should contain all the relevant picture con-
tent to encourage a wide screen display on a 16:9 television set.
b10
b9
b8 Location of Subtitles
x
x
0
No Subtitles in teletext
0
0
1
No open subtitles
0
1
1
Subtitles are in the active image area
10
1
Subtitles are out of the active image
area
1
1
1
Reserved
B3
B2
B1
B0
Aspect
Ratio
Aspect Ratio Range
Format
Position
Number of Active Lines
(estimated)
1
0
0
0
4:3
a<= 1.46
Full
Not applicable
576
0
0
0
1
14:9
1.46 < a <= 1.66
Letterbox
center
504
0
0
1
0
14:9
1.46 < a <= 1.66
Letterbox
top
504
1
0
1
1
16:9
1.66 < a <= 1.90
Letterbox
center
430
0
1
0
0
16:9
1.66 < a <= 1.90
Letterbox
top
430
1
1
0
1
>16:9
1.90 < a
Letterbox
center
not defined
1
1
1
0
14:9
1.46 < a <= 1.66
Full (*)
center
576
0
1
1
1
16:9
1.66 < a <= 1.90
Full
Not applicable
576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com