Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STV8247
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STV8247 Datasheet HTML 131Page - STMicroelectronics STV8247 Datasheet HTML 132Page - STMicroelectronics STV8247 Datasheet HTML 133Page - STMicroelectronics STV8247 Datasheet HTML 134Page - STMicroelectronics STV8247 Datasheet HTML 135Page - STMicroelectronics STV8247 Datasheet HTML 136Page - STMicroelectronics STV8247 Datasheet HTML 137Page - STMicroelectronics STV8247 Datasheet HTML 138Page - STMicroelectronics STV8247 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 149 page
background image
135/149
STV82x7
Electrical Characteristics
13.8
SCART and MONO IN to I²S Path Characteristics
Test Conditions: Sampling Frequency = 32KHz, Maximum MONO_IN voltage = 0.5 VRMS.
13.9
I2S to LS/HP/SUB/C Path Characteristics
Test Conditions: Sampling Frequency = 32KHz, LLOAD = 100 µH, CLOAD = 33nF, RLOAD = 30KΩ.
CLIPSCART
Clipping
SCART
Clipping input level from
SCART input
At 1 kHz 1% THD
2.0
VRMS
Clipping input level from
MONO_IN input
0.5
VRMS
THDSCART
THD SCART
THD from SCART input 1 VRMS, at 1 KHz
0.02
0.05
%
THD from MONO_IN
input
0.25 VRMS, at 1 KHz
0.02
0.05
%
SNRSCART
Signal to Noise
Ratio
SCART input
1 VRMS, 20 Hz to 20 kHz
Bandwidth, RMS unweighted
82
dB
MONO_IN input
0.25 VRMS, 20 Hz to 20 kHz
Bandwidth, RMS unweighted
76
dB
BANDSCART
Frequency
Flatness
SCART input
20 Hz to 20 kHz
-0.5
0.5
dB
MONO_IN input
20 Hz to 20 kHz
11.5
12
12.5
dB
XTALKL/R
Left/Right Crosstalk
1VRMS @ 1 kHz on ref signal, the
other one grounded
80
90
dB
XTALKIN
Audio Crosstalk from Input Channel n to
Input Channel m
1VRMS @ 1 kHz on ref signal, all
other inputs grounded
80
90
dB
XTALKOUT
Audio Crosstalk from Output Channel n
to Output Channel m
1VRMS @ 1 kHz on reference
output, signal on a single input, all
other inputs grounded
80
90
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
THDADC
THD ADC
THD from
SCART input
VIN = 2 VRMS at 1 KHz
0.006
0.05
%
THD from
MONO_IN input
VIN = 0.5 VRMS at 1 KHz
0.006
0.05
%
SNRADC
Signal to Noise Ratio
20 to 15 kHz Bandwidth, RMS unweighted
VIN = 200 mVRMS SCART input
62
dB
BANDADC
Frequency Flatness
20 Hz to 15 kHz
±0.5
dB
XTALKADC
Left Right Crosstalk
at 1 KHz, VIN = 1 VRMS
95
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
ROUTDAC
Output Resistance for Main
Outputs
LS_L, LS_R, LS_SUB, LS_C, HP_LSS_R
and HP_LSS_L pins
90
140
Ω
VDCOUTDAC MAIN Output DC Level
1.54
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com