Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5CE Datasheet(PDF) 265 Page - STMicroelectronics

Part # STM32L4P5CE
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE Datasheet(HTML) 265 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 261Page - STMicroelectronics STM32L4P5CE Datasheet HTML 262Page - STMicroelectronics STM32L4P5CE Datasheet HTML 263Page - STMicroelectronics STM32L4P5CE Datasheet HTML 264Page - STMicroelectronics STM32L4P5CE Datasheet HTML 265Page - STMicroelectronics STM32L4P5CE Datasheet HTML 266Page - STMicroelectronics STM32L4P5CE Datasheet HTML 267Page - STMicroelectronics STM32L4P5CE Datasheet HTML 268Page - STMicroelectronics STM32L4P5CE Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 310 page
background image
DS12903 Rev1
265/310
STM32L4P5xx
Electrical characteristics
277
Table 116. OCTOSPI characteristics in DTR mode (with DQS)(1)/Octal and Hyperbus
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK
1/t(CK)
OCTOSPI clock
frequency
1.71 V < VDD < 3.6 V
Voltage Range V1
CLOAD = 20 pF
--
60(2)
MHz
2.7 V < VDD < 3.6 V
Voltage Range V1
CLOAD = 20 pF
--
90(2)(3)
1.71 V < VDD < 3.6 V
Voltage Range V1
CLOAD = 15 pF
--
66(3)
1.71 V < VDD < 3.6 V
Voltage Range V2
CLOAD = 20 pF
--
26(2)
tw(CKH)
OCTOSPI clock high
and low time
Even division
-
t(CK)/2-1
-
t(CK)/2+0.5
ns
tw(CKL)
t(CK)/2-0.5
-
t(CK)/2+0.5
tw(CKH)
OCTOSPI clock high
and low time
Odd division
-
(n/2)*t(CK)/
(n+1)- 0.5
-
(n/2)*t(CK)/
(n+1)+0.5
tw(CKL)
(n/2+1)*t(CK)/
(n+1) -0.5
-
(n/2+1)*t(CK)/
(n+1)+0.5
tv(CK)
Clock valid time
-
-
-
t(CK) +2
th(CK)
Clock hold time
-
t(CK)/2 -0.5
-
-
VODr(CK)
(4)
CK,CK# crossing level
on CK rising edge
VDD=1v8
730
-
997
mV
VODf(CK)
(4)
CK,CK# crossing level
on CK falling edge
VDD=1v8
788
-
1070
tw(CS)
Chip select high time
-
3*t(CK)
--
ns
tv(DQ)
Data input vallid time
-0
-
-
tv(DS)
Data storbe input valid
time
th(DS)
Data storbe input hold
time
-0
-
-
tv(RWDS)
Data storbe output
valid time
--
-
3*t(CK)
tsr(DQ),tsf(DQ) Data input setup time
Voltage Range V1
-0.75
-
t(CK)/2
-3.75(5)
Voltage Range V2
-1
-
t(CK)/2
-5(5)
thr(DQ),thf(DQ) Data input hold time
Voltage Range V1
3.75
-
-
Voltage Range V2
5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com