Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153C Datasheet(PDF) 224 Page - STMicroelectronics

Part # STM32MP153C
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153C Datasheet(HTML) 224 Page - STMicroelectronics

Back Button STM32MP153C Datasheet HTML 220Page - STMicroelectronics STM32MP153C Datasheet HTML 221Page - STMicroelectronics STM32MP153C Datasheet HTML 222Page - STMicroelectronics STM32MP153C Datasheet HTML 223Page - STMicroelectronics STM32MP153C Datasheet HTML 224Page - STMicroelectronics STM32MP153C Datasheet HTML 225Page - STMicroelectronics STM32MP153C Datasheet HTML 226Page - STMicroelectronics STM32MP153C Datasheet HTML 227Page - STMicroelectronics STM32MP153C Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 254 page
background image
Electrical characteristics
STM32MP153C/F
224/254
DS12503 Rev 3
Figure 54. SDIO high-speed mode
Figure 55. SD default mode
tOV
Output valid time HS
-
-5
6
ns
tOH
Output hold time HS
4
-
-
1. Guaranteed by characterization results.
2. CL = 20 pF.
3. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 103. Dynamic characteristics: SD / MMC / e•MMC characteristics
VDD = 1.71 V to 1.9 V(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ai14
CK
D, CMD
(output)
tOVD
tOHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com