Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 143Page - STMicroelectronics STM32L4P5VG Datasheet HTML 144Page - STMicroelectronics STM32L4P5VG Datasheet HTML 145Page - STMicroelectronics STM32L4P5VG Datasheet HTML 146Page - STMicroelectronics STM32L4P5VG Datasheet HTML 147Page - STMicroelectronics STM32L4P5VG Datasheet HTML 148Page - STMicroelectronics STM32L4P5VG Datasheet HTML 149Page - STMicroelectronics STM32L4P5VG Datasheet HTML 150Page - STMicroelectronics STM32L4P5VG Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 310 page
background image
Table 27. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in dual bank, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
3.30
3.65
4.65
6.10
8.75
TBD
TBD
TBD
TBD
TBD
mA
16 MHz
2.10
2.45
3.45
4.90
7.50
TBD
TBD
TBD
TBD
TBD
8 MHz
1.20
1.50
2.50
3.95
6.55
TBD
TBD
TBD
TBD
TBD
4 MHz
0.71
1.05
2.05
3.45
6.05
TBD
TBD
TBD
TBD
TBD
2 MHz
0.47
0.80
1.80
3.20
5.80
TBD
TBD
TBD
TBD
TBD
1 MHz
0.36
0.68
1.65
3.10
5.65
TBD
TBD
TBD
TBD
TBD
100 KHz
0.25
0.58
1.55
2.95
5.55
TBD
TBD
TBD
TBD
TBD
Range 1
Boost Mode
120 MHz 16.00
16.50
18.00
20.00
23.50
TBD
TBD
TBD
TBD
TBD
Range 1
Normal
Mode
80 MHz
11.50
12.50
13.50
15.50
18.50
TBD
TBD
TBD
TBD
TBD
72 MHz
10.50
11.00
12.50
14.50
17.50
TBD
TBD
TBD
TBD
TBD
64 MHz
9.50
10.00
11.50
13.00
16.50
TBD
TBD
TBD
TBD
TBD
48 MHz
7.10
7.60
8.90
10.50
14.00
TBD
TBD
TBD
TBD
TBD
32 MHz
4.85
5.30
6.60
8.35
11.50
TBD
TBD
TBD
TBD
TBD
24 MHz
3.70
4.15
5.45
7.15
10.50
TBD
TBD
TBD
TBD
TBD
16 MHz
2.60
3.00
4.25
6.00
9.10
TBD
TBD
TBD
TBD
TBD
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
420
840
1950
3550
6350
TBD
TBD
TBD
TBD
TBD
µA
1 MHz
305
700
1800
3400
6200
TBD
TBD
TBD
TBD
TBD
400 KHz
225
610
1700
3300
6100
TBD
TBD
TBD
TBD
TBD
100 KHz
185
570
1700
3250
6050
TBD
TBD
TBD
TBD
TBD
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com