Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 161Page - STMicroelectronics STM32L4P5VG Datasheet HTML 162Page - STMicroelectronics STM32L4P5VG Datasheet HTML 163Page - STMicroelectronics STM32L4P5VG Datasheet HTML 164Page - STMicroelectronics STM32L4P5VG Datasheet HTML 165Page - STMicroelectronics STM32L4P5VG Datasheet HTML 166Page - STMicroelectronics STM32L4P5VG Datasheet HTML 167Page - STMicroelectronics STM32L4P5VG Datasheet HTML 168Page - STMicroelectronics STM32L4P5VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 310 page
background image
IDD (Stop 2
with RTC)
Supply
current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI
1.8 V
3.30
11.5
42.5
97.0
210
TBD
TBD
TBD
TBD
TBD
µA
2.4 V
3.40
11.5
43.0
98.0
215
TBD
TBD
TBD
TBD
TBD
3 V
3.60
12.0
43.5
99.0
215
TBD
TBD
TBD
TBD
TBD
3.6 V
3.90
12.0
44.5
100.0
225
TBD
TBD
TBD
TBD
TBD
RTC clocked by LSI
ENULP=1
LPCAL=1
LSIPREDIV = 1
1.8 V
2.95
-
-
-
-
-
-
-
-
-
2.4 V
2.95
-
-
-
-
-
-
-
-
-
3 V
3.05
-
-
-
-
-
--
--
3.6 V
3.10
-
-
-
-
-
-
-
-
-
RTC clocked by LSE
bypassed at 32768 Hz
ENULP=1
LPCAL=1
LSESYSDIS =1
1.8 V
2.90
-
-
-
-
-
-
-
-
-
2.4 V
2.95
-
-
-
-
-
-
-
-
-
3 V
3.00
-
-
-
-
-
--
--
3.6 V
3.15
-
-
-
-
-
-
-
-
-
RTC clocked by LSE
quartz in low drive mode
1.8 V
3.45
12.0
44.0
100.0
-
TBD
TBD
TBD
TBD
TBD
2.4 V
3.65
12.0
45.0
100.0
-
TBD
TBD
TBD
TBD
TBD
3 V
3.95
12.5
45.5
105.0
-
TBD
TBD
TBD
TBD
TBD
3.6 V
4.30
13.0
46.5
105.0
-
TBD
TBD
TBD
TBD
TBD
RTC clocked by LSE
quartz in low drive mode
ENULP = 1
LPCAL = 1
LSESYSDIS =1
1.8 V
2.95
11.0
42.5
96.5
-
-
-
-
-
-
2.4 V
2.95
11.0
43.0
97.5
-
-
-
-
-
-
3 V
3.10
11.5
43.5
98.5
-
-
-
-
-
-
3.6 V
3.25
12.0
45.0
100.0
-
-
-
-
-
-
IDD
(wakeup from
Stop 2)
Supply
current during
wakeup from
Stop 2
Wakeup clock is MSI = 48
MHz, voltage Range 1(2)
3 V
TBD
-
-
-
-
---
--
mA
Wakeup clock is MSI = 4
MHz, voltage Range 2(2)
3 V
TBD
-
-
-
-
---
--
Wakeup clock is HSI = 16
MHz, voltage Range 1(2)
3 V
TBD
-
-
-
-
---
--
1. Guaranteed by characterization results, unless otherwise specified.
Table 44. Current consumption in Stop 2 mode, SRAM3 disabled (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C 105°C 125°C
25°C
55°C
85°C
105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com