Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 168Page - STMicroelectronics STM32L4P5VG Datasheet HTML 169Page - STMicroelectronics STM32L4P5VG Datasheet HTML 170Page - STMicroelectronics STM32L4P5VG Datasheet HTML 171Page - STMicroelectronics STM32L4P5VG Datasheet HTML 172Page - STMicroelectronics STM32L4P5VG Datasheet HTML 173Page - STMicroelectronics STM32L4P5VG Datasheet HTML 174Page - STMicroelectronics STM32L4P5VG Datasheet HTML 175Page - STMicroelectronics STM32L4P5VG Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 310 page
background image
IDD
(Standby with
RTC)
Supply current in Standby
mode (backup registers
retained),
RTC enabled
RTC clocked by
LSE bypassed at
32768 Hz
ENULP = 1
LPCAL = 1
LSESYSDIS =1
1.8 V
84
370
-
-
-
-
-
-
-
-
nA
2.4 V
135
515
-
-
-
-
-
-
-
-
3 V
195
690
-
-
-
-
-
-
-
-
3.6 V
285
940
-
-
-
-
-
-
-
-
RTC clocked by
LSE quartz(2) in
Low-drive mode
1.8 V
560
810
2200
5350 13500
-
-
-
-
-
2.4 V
755
1050
2650
6300 15500
-
-
-
-
-
3 V
1000
1350
3200
7550 18500
-
-
-
-
-
3.6 V 1300
1750
4050
9250 22000
-
-
-
-
-
RTC clocked by
LSE quartz(2) in
Low-drive mode
ENULP=1
LPCAL = 1
LSESYSDIS =1
1.8 V
190
470
-
-
-
-
-
-
-
-
2.4 V
230
595
-
-
-
-
-
-
-
-
3 V
280
765
-
-
-
-
-
-
-
-
3.6 V
380
1000
-
-
-
-
-
-
-
-
IDD
(SRAM2
4 KBytes)(3)
Supply current in Standby
mode when 4 Kbytes of
SRAM2 are retained
-
1.8 V
200
-
-
-
-
-
-
-
-
-
2.4 V
210
-
-
-
-
-
-
-
-
-
3 V
230
-
-
-
-
-
-
-
-
-
3.6 V
265
-
-
-
-
-
-
-
-
-
IDD
(SRAM2
64 Kbytes)(3)
Supply current in Standby
mode when the full 64 Kbytes
of SRAM2 are retained
-
1.8 V
TBD
-
-
-
-
-
-
-
-
-
2.4 V
TBD
-
-
-
-
-
-
-
-
-
3 V
TBD
-
-
-
-
-
-
-
-
-
3.6 V
TBD
-
-
-
-
-
-
-
-
-
IDD (wakeup
from Standby)
Supply current during wakeup
from Standby mode
Wakeup clock is
MSI = 4 MHz(4)
3 V
TBD
-
-
-
-
-
-
-
-
-
mA
1. Guaranteed by characterization results, unless otherwise specified.
Table 48. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com