Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 179Page - STMicroelectronics STM32L4P5VG Datasheet HTML 180Page - STMicroelectronics STM32L4P5VG Datasheet HTML 181Page - STMicroelectronics STM32L4P5VG Datasheet HTML 182Page - STMicroelectronics STM32L4P5VG Datasheet HTML 183Page - STMicroelectronics STM32L4P5VG Datasheet HTML 184Page - STMicroelectronics STM32L4P5VG Datasheet HTML 185Page - STMicroelectronics STM32L4P5VG Datasheet HTML 186Page - STMicroelectronics STM32L4P5VG Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 310 page
background image
DS12903 Rev1
183/310
STM32L4P5xx
Electrical characteristics
277
tWUSTOP2
SRAM3
enabled
Wake up time
from Stop 2
mode to Run
mode in Flash
range1
Wakeup clock MSI = 48 MHz 13.0
13.9
μs
Wakeup clock HSI16 = 16
MHz
12.5
13.4
range2
Wakeup clock MSI = 24 MHz 22.6
23.7
Wakeup clock HSI16 = 16
MHz
21.6
22.7
Wakeup clock MSI = 4 MHz
16.7
17.9
Wake up time
from Stop 2
mode to Run
mode in SRAM1
range1
Wakeup clock MSI = 48 MHz
5.8
6.6
Wakeup clock HSI16 = 16
MHz
6.8
7.6
range2
Wakeup clock MSI = 24 MHz
6.3
7.1
Wakeup clock HSI16 = 16
MHz
6.8
7.6
Wakeup clock MSI = 4 MHz
11.2
12.4
tWUSTBY
Wakeup time
from Standby
mode to Run
mode
range1
Wakeup clock MSI = 8 MHz
TBD
TBD
Wakeup clock MSI = 4 MHz
TBD
TBD
tWUSTBY
SRAM2
Wakeup time
from Standby
with SRAM2 to
Run mode
range1
Wakeup clock MSI = 8 MHz
TBD
TBD
Wakeup clock MSI = 4 MHz
TBD
TBD
tWUSHDN
Wakeup time
from Shutdown
mode to Run mode
range1
Wakeup clock MSI = 4 MHz 262.6 323.5
1. Guaranteed by characterization results.
Table 52. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 53. Regulator modes transition times(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Wakeup time from Low- power run
mode to Run mode(2)
2. Time until REGLPF flag is cleared in PWR_SR2.
Code run with MSI 2 MHz
5
7
μs
tVOST
Regulator transition time from
Range 2 to Range 1 or
Range 1 to Range 2(3)
3. Time until VOSF flag is cleared in PWR_SR2.
Code run with MSI 24 MHz
20
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com