Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 243 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 243 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 239Page - STMicroelectronics STM32L4P5VG Datasheet HTML 240Page - STMicroelectronics STM32L4P5VG Datasheet HTML 241Page - STMicroelectronics STM32L4P5VG Datasheet HTML 242Page - STMicroelectronics STM32L4P5VG Datasheet HTML 243Page - STMicroelectronics STM32L4P5VG Datasheet HTML 244Page - STMicroelectronics STM32L4P5VG Datasheet HTML 245Page - STMicroelectronics STM32L4P5VG Datasheet HTML 246Page - STMicroelectronics STM32L4P5VG Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 310 page
background image
DS12903 Rev1
243/310
STM32L4P5xx
Electrical characteristics
277
SAI characteristics
Unless otherwise specified, the parameters given in Table 97 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage condi-
tions summarized inTable 21: General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CK,SD,FS).
Table 97. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
SAI Main clock output
-
-
50
MHz
fCK
SAI clock frequency(2)
Master transmitter
2.7 ≤ VDD ≤ 3.6
Voltage Range V1
-30
Master transmitter
1.71 ≤ VDD ≤ 3.6
Voltage Range V1
-20
Master receiver
Voltage Range V1
-15
Slave transmitter
2.7 ≤ VDD ≤ 3.6
Voltage Range V1
-38
Slave transmitter
1.71 ≤ VDD ≤ 3.6
Voltage Range V1
-26
Slave receiver
Voltage Range V1
-50
Voltage Range V2
-
13
1.08V<VDD< 1.32V
-
8
tv(FS)
FS valid time
Master mode
2.7 ≤ VDD ≤ 3.6
-15
ns
Master mode
1.71 ≤ VDD ≤ 3.6
-22
th(FS)
FS hold time
Master mode
22
-
tsu(FS)
FS setup time
Slave mode
2.5
-
th(FS)
FS hold time
Slave mode
1
-
tsu(SD_A_MR)
Data input setup time
Master receiver
3
-
tsu(SD_B_SR)
Slave receiver
1
-
th(SD_A_MR)
Data input hold time
Master receiver
3.5
-
th(SD_B_SR)
Slave receiver
1.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com