Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 264 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 264 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 260Page - STMicroelectronics STM32L4P5VG Datasheet HTML 261Page - STMicroelectronics STM32L4P5VG Datasheet HTML 262Page - STMicroelectronics STM32L4P5VG Datasheet HTML 263Page - STMicroelectronics STM32L4P5VG Datasheet HTML 264Page - STMicroelectronics STM32L4P5VG Datasheet HTML 265Page - STMicroelectronics STM32L4P5VG Datasheet HTML 266Page - STMicroelectronics STM32L4P5VG Datasheet HTML 267Page - STMicroelectronics STM32L4P5VG Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 310 page
background image
Electrical characteristics
STM32L4P5xx
264/310
DS12903 Rev1
6.3.29
OCTOSPI characteristics
Unless otherwise specified, the parameters given in Table 115 and Table 116 for OCTOSPI
are derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table 21: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 115. OCTOSPI(1) characteristics in SDR mode(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(QCK)
OCTOSPI clock
frequency
1.71 V < VDD< 3.6 V
Voltage Range V1
CLOAD = 20 pF
--
54
MHz
2.7 V < VDD< 3.6 V
Voltage Range V1
CLOAD = 20 pF
--
92
1.71 V < VDD< 3.6 V
Voltage Range V1
CLOAD = 15 pF
--
58
1.71 V < VDD< 3.6 V
Voltage Range 2
CLOAD = 20 pF
--
26
tw(CKH) OCTOSPI clock high
and low time
Even division
Prescaler[7:0] =
n = 0,1,3,5
t(CK)/2-0.5
-
t(CK)/2
ns
tw(CKL)
t(CK)/2-0.5
-
t(CK)/2
tw(CKH) OCTOSPI clock high
and low time
Odd division
Prescaler[7:0] =
n = 2,4,6,8
(n/2)*t(CK)/(n+1)- 0.5
-
(n/2)*t(CK)/(n+1)
tw(CKL)
(n/2+1)*t(CK)/(n+1) -0.5
-
(n/2+1)*t(CK)/(n+1)
ts(IN)
Data input setup time
Voltage Range V1
1
-
-
Voltage Range V2
0.5
-
-
th(IN)
Data input hold time
Voltage Range V1
4.5
-
-
Voltage Range V2
9.5
-
-
tv(OUT) Data output valid time
Voltage Range V1
-
1
3
Voltage Range V2
-
2
5
th(OUT) Data output hold time
Voltage Range V1
0
-
-
Voltage Range V2
0
-
-
1. Values in the table applies to Octal and Quad SPI mode.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com