Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 271 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 271 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 267Page - STMicroelectronics STM32L4P5VG Datasheet HTML 268Page - STMicroelectronics STM32L4P5VG Datasheet HTML 269Page - STMicroelectronics STM32L4P5VG Datasheet HTML 270Page - STMicroelectronics STM32L4P5VG Datasheet HTML 271Page - STMicroelectronics STM32L4P5VG Datasheet HTML 272Page - STMicroelectronics STM32L4P5VG Datasheet HTML 273Page - STMicroelectronics STM32L4P5VG Datasheet HTML 274Page - STMicroelectronics STM32L4P5VG Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 310 page
background image
DS12903 Rev1
271/310
STM32L4P5xx
Electrical characteristics
277
Table 119. PSSI receive characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
-
Frequency ratio PSSI_PDCK/fHCLK
--
0.4
-
PSSI_PDCK
PSSI Clock input
1.71<VDD<3.6
Voltage Range V1
-48
MHz
1.71<VDD<3.6
Voltage Range V2
-10
Dpixel
PSSI Clock input duty cycle
-
30
70
%
tsu(DATA)
Data input setup time
1.71<VDD<3.6
Voltage Range V1
4.5
-
ns
1.71<VDD<3.6
Voltage Range V2
6.5
-
th(DATA)
Data input hold time
1.71<VDD<3.6
Voltage Range V1
0.5
-
1.71<VDD<3.6
Voltage Range V2
0.5
-
tsu((DE)
DE input setup time
1.71<VDD<3.6
Voltage Range V1
1.5
-
1.71<VDD<3.6
Voltage Range V2
2-
th(DE)
DE input hold time
1.71<VDD<3.6
Voltage Range V1
0.5
-
1.71<VDD<3.6
Voltage Range V2
0.5
-
tov(RDY)
RDY output valid time
1.71<VDD<3.6
Voltage Range V1
-18
1.71<VDD<3.6
Voltage Range V2
-
21.5
toh(RDY)
RDY output hold time
1.71<VDD<3.6
Voltage Range V1
7-
1.71<VDD<3.6
Voltage Range V2
10.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com