Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 290 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 290 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 286Page - STMicroelectronics STM32L4P5VG Datasheet HTML 287Page - STMicroelectronics STM32L4P5VG Datasheet HTML 288Page - STMicroelectronics STM32L4P5VG Datasheet HTML 289Page - STMicroelectronics STM32L4P5VG Datasheet HTML 290Page - STMicroelectronics STM32L4P5VG Datasheet HTML 291Page - STMicroelectronics STM32L4P5VG Datasheet HTML 292Page - STMicroelectronics STM32L4P5VG Datasheet HTML 293Page - STMicroelectronics STM32L4P5VG Datasheet HTML 294Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 310 page
background image
Package information
STM32L4P5xx
290/310
DS12903 Rev1
7.5
WLCSP100 package information
WLCSP100 is a 100-ball, 4.618 x 4.142 mm, 0.4 mm pitch wafer level chip scale package.
Figure 88. WLCSP100 outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
A
K
A07D_ME_V1
A1 ORIENTATION
REFERENCE
BOTTOM VIEW
BUMP SIDE
SIDE VIEW
TOP VIEW
WAFER BACK SIDE
1
10
DETAIL A
DETAIL A
e
e
D
e2 E
G
F
e1
D
E
(4X)
aaa
BUMP
eee Z
SEATING
PLANE
Z
Z
Z X Y
b(100X)
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com