Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 306 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 306 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 302Page - STMicroelectronics STM32L4P5VG Datasheet HTML 303Page - STMicroelectronics STM32L4P5VG Datasheet HTML 304Page - STMicroelectronics STM32L4P5VG Datasheet HTML 305Page - STMicroelectronics STM32L4P5VG Datasheet HTML 306Page - STMicroelectronics STM32L4P5VG Datasheet HTML 307Page - STMicroelectronics STM32L4P5VG Datasheet HTML 308Page - STMicroelectronics STM32L4P5VG Datasheet HTML 309Page - STMicroelectronics STM32L4P5VG Datasheet HTML 310Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 306 / 310 page
background image
Package information
STM32L4P5xx
306/310
DS12903 Rev1
7.9
Thermal characteristics
The maximum chip-junction temperature, TJ max, in degrees Celsius, may be calculated
using the following equation:
TJ max = TA max + (PD max x ΘJA)
Where:
•
TA max is the maximum ambient temperature in °C,
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W,
•
PD max is the sum of PINT max and PI/O max (PD max = PINT max + PI/Omax),
•
PINT max is the product of IDD and VDD, expressed in Watts. This is the maximum chip
internal power.
PI/O max represents the maximum power dissipation on output pins where:
PI/O max = Σ (VOL × IOL) + Σ ((VDDIOx – VOH) × IOH),
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the
application.
Table 135. Package thermal characteristics
Symbol
Parameter
Value
Unit
ΘJA
Thermal resistance junction-ambient
UFQFPN48 - 7 × 7 mm
24.8
°C/W
Thermal resistance junction-ambient
LQFP48 - 7 × 7 mm
50.7
Thermal resistance junction-ambient
LQFP64 - 7 × 7 mm
49.2
Thermal resistance junction-ambient
LQFP100 - 14 × 14 mm
47.8
Thermal resistance junction-ambient
WLCSP100
35.8
Thermal resistance junction-ambient
UFBGA132 - 7 × 7 mm
34.2
Thermal resistance junction-ambient
LQFP144 - 20 × 20 mm
46.3
Thermal resistance junction-ambient
UFBGA169 - 7 × 7 mm
35.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com