Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C-10
Description  Miniature LCD Display DigitalPanel Meters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers C-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DP-650 Series
ACCULEX •
1-888-472-6676
F ax 1-888-210-0119
accule x.com
6
1. The connection shown utilizes differential inputs. For single-ended operation, INPUT(-) is
strapped to GND. If the signal is isolated from the power source, connect INPUT(-) to GND
either directly or through a 10K resistor network as shown to reduce common mode errors.
2. Display holds reading when HOLD is high (+5V). Readings are updated when HOLD is low
or floating.
3. The decimal point is user selectable by connecting the decimal point pins (4, 5, or 6) to DP
COM (pin 3).
4. Full-scale input span is adjusted prior to shipment. Further calibration is possible by adjusting
the trimpot mounted on the back of the DPM.
5. Unused pins should be left open.
Model
Description
DP-650
Miniature DPM LCD ±200mV
DP-652
Miniature DPM LCD ±2V
DP-654
Miniature DPM LCD ±20V
APS-5
120V AC to 5V DC Power Supply
C-10
Connector - 10 pin
Miniature LCD Display Digital Panel Meters
Convenient snap-in bezel package
Very low power consumption (5VDC @ 3mA)
Differential input, 3 voltage ranges
0.1% typical accuracy
User-selectable decimal point
Hold-display function
Overvoltage protection
Quantity discounts
Features
T echnical
Notes
Ordering
Information
Portable/mobile equipment
Medical instruments
Avionics/aerospace systems
Office equipment
Applications
Description
The DP-650 Series is an ultra-compact, low-power LCD meter requiring only 15mW of
power. This meter is ideal for applications requiring a highly reliable LCD display in a
small package. The snap-in bezel packaging enables easy and rapid installation of the
meter. The simplicity of design, overvoltage protection, and low power consumption all
contribute to the high reliability of this device.
Three input voltage ranges are available: ±200mV, ±2VDC, and ±20VDC. A 4-20mA
current input adapter (DP-670) is also offered. Automatic polarity, overrange indication,
adjustable decimal point, and display HOLD are standard features. The DP-650 Series
employs a dual slope integrating A/D converter, and operates from an internal 100mV
reference via a precision DC-to-DC converter. Typical accuracy is ±0.1%.


Similar Part No. - C-10

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
C-100-K PREMO-C-100-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
logo
Raltron Electronics Cor...
C-100.00-S-5OT-SMD RALTRON-C-100.00-S-5OT-SMD Datasheet
51Kb / 1P
   HIGH ACCURACY SURFACE MOUNT CRYSTALS
logo
Tyco Electronics
C-100103 MACOM-C-100103 Datasheet
59Kb / 1P
   Assembled with AMP-LATCH MIL-Type Recept
logo
List of Unclassifed Man...
C-1001E ETC1-C-1001E Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-1001E-A PARALIGHT-C-1001E-A Datasheet
197Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
More results

Similar Description - C-10

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
   LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
logo
M-System Co.,Ltd.
B6ULCD MSYSTEM-B6ULCD Datasheet
86Kb / 2P
   LCD DISPLAY
logo
Hitachi Semiconductor
LM041L HITACHI-LM041L Datasheet
107Kb / 2P
   LCD Display
logo
List of Unclassifed Man...
DP-650A ETC1-DP-650A Datasheet
191Kb / 2P
   Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
logo
SELEC Controls Pvt. Ltd
LXC900 SELEC-LXC900 Datasheet
158Kb / 1P
   Miniature LCD Counter
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
   Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
   LCD Display Drivers
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
P-tec Corporation
PC4004A-O P-TEC-PC4004A-O Datasheet
32Kb / 2P
   Character LCD Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com