Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 165Page - Texas Instruments AM6528 Datasheet HTML 166Page - Texas Instruments AM6528 Datasheet HTML 167Page - Texas Instruments AM6528 Datasheet HTML 168Page - Texas Instruments AM6528 Datasheet HTML 169Page - Texas Instruments AM6528 Datasheet HTML 170Page - Texas Instruments AM6528 Datasheet HTML 171Page - Texas Instruments AM6528 Datasheet HTML 172Page - Texas Instruments AM6528 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 277 page
background image
EPWM_TZn_IN
PWM7
EPERIPHERALS_TIMNG_07
EPWM_SYNCI
PWM6
EPWM_A/B
EPQM_TZn_IN
EPERIPHERALS_TIMING_06
PWM4
EPWM_A/B
EPQM_TZn_IN
EPERIPHERALS_TIMING_05
PWM3
169
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Figure 5-40. ePWM_A/B and ePWM_TZn_IN Forced High/Low Input Timings
Figure 5-41. ePWM_A/B and ePWM_TZn_IN Hi-Z Input Timings
Table 5-47. Switching Characteristics for eHRPWM
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM6
tw(SYNCIN)
Pulse duration, Sync input (asynchronous)
3 + 2P(1)
ns
PWM7
tw(TZ)
Pulse duration, TZx input low (asynchronous)
3 + 3P(1)
ns
(1) P = sysclk
Figure 5-42. ePWM_SYNCI and ePWM_TZn_IN Output Timings
For more information, see section Enhanced Pulse Width Modulation (EPWM) Module in the device TRM.
5.9.5.8
eQEP
The supported features by the device eQEP are:
•
Input Synchronization
•
Three Stage/Six Stage Digital Noise Filter
•
Quadrature Decoder Unit
•
Position Counter and Control unit for position measurement
•
Quadrature Edge Capture unit for low speed measurement
•
Unit Time base for speed/frequency measurement
•
Watchdog Timer for detecting stalls
Table 5-48 and Table 5-49 present Timing Requirements and Switching Characteristics for eQEP (see
Figure 5-43).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com