Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 224 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 224 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 220Page - Texas Instruments AM6527 Datasheet HTML 221Page - Texas Instruments AM6527 Datasheet HTML 222Page - Texas Instruments AM6527 Datasheet HTML 223Page - Texas Instruments AM6527 Datasheet HTML 224Page - Texas Instruments AM6527 Datasheet HTML 225Page - Texas Instruments AM6527 Datasheet HTML 226Page - Texas Instruments AM6527 Datasheet HTML 227Page - Texas Instruments AM6527 Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 277 page
background image
GPO[n:0]
PRDO1
SPRS91x_TIMING_PRU_02
224
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
5.9.5.20 PCIE
The PCI-Express Subsystem is compliant with the PCI Express Base Specification, revision 3.1. Refer to
the specification for timing details.
For more details about features and additional description information on the device Peripheral
Component Interconnect Express, see the corresponding sections within Section 4.3, Signal Descriptions
and Section 6, Detailed Description.
5.9.5.21 PRU_ICSSG
The device has integrated three identical PRU_ICSSG subsystems (PRU_ICSSG0, PRU_ICSSG1 and
PRU_ICSSG2). The programmable nature of the PRU cores, along with their access to pins, events and
all device resources, provides flexibility in implementing fast real-time responses, specialized data
handling operations, custom peripheral interfaces, and in offloading tasks from the other processor cores
of the device.
For more details about features and additional description information on the device Programmable Real-
Time Unit Subsystem and Industrial Communication Subsystem - Gigabit, see the corresponding sections
within Section 4.3, Signal Descriptions and Section 6, Detailed Description.
5.9.5.21.1 Programmable Real-Time Unit (PRU_ICSSG PRU)
NOTE
The PRU_ICSSG PRU signals have different functionality depending on the mode of
operation. The signal naming in this section matches the naming used in the PRU Module
Interface section in the device TRM.
5.9.5.21.1.1 PRU_ICSSG PRU Direct Input/Output Mode Electrical Data and Timing
(1) m in GPI[m:0] = 19.
Table 5-90. PRU_ICSSG PRU Switching Characteristics - Direct Output Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRDO1
tsk(PRU_DATAOUT)
PRU_DATAOUT skew
4
ns
Figure 5-94. PRU_ICSSG PRU Direct Output Timing
(1) n in GPO[n:0] = 19.
5.9.5.21.1.2 PRU_ICSSG PRU Parallel Capture Mode Electrical Data and Timing
Table 5-91. PRU_ICSSG PRU Timing Requirements - Parallel Capture Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPC1
tc(PRU_CLOCK)
Cycle time, PRU_CLOCK
20
ns
PRPC2
tw(PRU_CLOCKL)
Pulse Duration, PRU_CLOCK Low
10
ns
PRPC3
tw(PRU_CLOCKH)
Pulse Duration, PRU_CLOCK High
10
ns
PRPC4
tsu(PRU_DATAIN-
PRU_CLOCK)
Setup time, PRU_DATAIN valid before PRU_CLOCK active edge
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com