Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 239 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 239 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 235Page - Texas Instruments AM6527 Datasheet HTML 236Page - Texas Instruments AM6527 Datasheet HTML 237Page - Texas Instruments AM6527 Datasheet HTML 238Page - Texas Instruments AM6527 Datasheet HTML 239Page - Texas Instruments AM6527 Datasheet HTML 240Page - Texas Instruments AM6527 Datasheet HTML 241Page - Texas Instruments AM6527 Datasheet HTML 242Page - Texas Instruments AM6527 Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 277 page
background image
TDO
J2
J1
J4
TCK
J5
TDI / TMS
J3
J6
J7
J4
J5
TRC_DATA
TRC_CLK
(
)
(
)
Worst Case 1
(Ideal)
Worst Case 2
DBTR1
DBTR2
DBTR3
DBTR4
DBTR6
DBTR5
DBTR7
DBTR4
DBTR6
DBTR9
DBTR5
DBTR7
DBTR8
DBTR8
DBTR9
SPRSP08_Debug_01
239
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Figure 5-123. Debug Trace Timing
5.9.6.2
IEEE 1149.1 Standard-Test-Access Port (JTAG)
For more details about features and additional description information on the device IEEE 1149.1
Standard-Test-Access Port, see the corresponding sections within Section 4.3, Signal Descriptions and
Section 6, Detailed Description.
5.9.6.2.1 JTAG Electrical Data and Timing
Table 5-121, Table 5-122, and Figure 5-124 assume testing over the recommended operating conditions
and electrical characteristic conditions.
Table 5-121. Timing Requirements for IEEE 1149.1 JTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J1
tc(TCK)
Cycle time minimum, TCK
75
ns
J2
tw(TCKH)
Pulse width minimum, TCK high
30
ns
J3
tw(TCKL)
Pulse width minimum, TCK low
30
ns
J4
tsu(TDI-TCK)
Input setup time minimum, TDI valid to TCK high
8
ns
tsu(TMS-TCK)
Input setup time minimum, TMS valid to TCK high
8
ns
J5
th(TCK-TDI)
Input hold time minimum, TDI valid from TCK high
5.2
ns
th(TCK-TMS)
Input hold time minimum, TMS valid from TCK high
5.2
ns
Table 5-122. Switching Characteristics Over Recommended Operating Conditions for IEEE 1149.1 JTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time minimum, TCK low to TDO invalid
0
ns
J7
td(TCKL-TDOV)
Delay time maximum, TCK low to TDO valid
27.75
ns
Figure 5-124. JTAG Test-Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com