Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6527 Datasheet(PDF) 244 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 244 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 240Page - Texas Instruments AM6527 Datasheet HTML 241Page - Texas Instruments AM6527 Datasheet HTML 242Page - Texas Instruments AM6527 Datasheet HTML 243Page - Texas Instruments AM6527 Datasheet HTML 244Page - Texas Instruments AM6527 Datasheet HTML 245Page - Texas Instruments AM6527 Datasheet HTML 246Page - Texas Instruments AM6527 Datasheet HTML 247Page - Texas Instruments AM6527 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 277 page
background image
244
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2019, Texas Instruments Incorporated
6.4
Other Subsystems
6.4.1
DMSC
Integrated in WKUP domain Device Management and Security Controller (WKUP_DMSC) provides control
over the device boot sequencing, device management, power management, and security. With the
factory-sealed firmware, DMSC main functions include:
•
Device management
•
On-chip power management and wake-up control
•
Device boot configuration and sequence
•
Secure boot setup
•
Authentication routines (all modes), including R5F island only boot modes
•
Decryption routines
•
Firewall control for isolation and Security
•
Runtime Security Management and resource allocation
•
Arm Cortex-M3 based DMSC acts as system security master and protects critical security assets
during run-time. As part of booting on High Security (HS) device, DMSC uses on-chip keys to establish
root-of-trust and authenticate images to reinforce trust. DMSC controls the power management of
device, hence is responsible to bring device cleanly out of reset and enforce clock and reset rules.
DMSC power management functions are critical to bring device to low power modes and sense
wakeup events to bring device back to active state. DMSC acts also as main boot processor and as
such is the very first subsystem that is brought out of reset after device power-on-reset.
For more information, see WKUP Device Management and Security Controller (DMSC) section in the
device TRM.
6.4.2
MSMC
The
Multicore
Shared
Memory
Controller
(MSMC)
forms
the
heart
of
the
compute
cluster
(COMPUTE_CLUSTER0) providing high-bandwidth resource access both to and from all of the connected
processing elements and the rest of the system. MSMC serves as the data-movement backbone of the
compute cluster.
For more information, see Multicore Shared Memory Controller (MSMC) section in the device TRM.
6.4.3
NAVSS
6.4.3.1
NAVSS0
Main SoC Navigator Subsystem (NAVSS0) consists of DMA/Queue Management components – UDMA
and Ring Accelerator (UDMASS), Peripherals (Module subsystem [MODSS]), and a North Bridge (NBSS).
UDMASS – UDMASS is the essential part of the DMA Architecture. UDMASS consists of:
•
Unified DMA Controller
•
Ring Accelerator
•
Packet Streaming Interface (PSI-L)
MODSS – MODSS is a collection of peripherals with different system-level functions, for example,
interprocessor communication and time sync, among others. NAVSS0 contains the following modules:
•
Mailbox
•
Spinlock
•
Two Timer Managers (Timer banks)
•
Time Stamp Module (CPTS)
•
Memory CRC module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com