Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 168 Page - Texas Instruments

Part # AM652X
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 168 Page - Texas Instruments

Back Button AM652X Datasheet HTML 164Page - Texas Instruments AM652X Datasheet HTML 165Page - Texas Instruments AM652X Datasheet HTML 166Page - Texas Instruments AM652X Datasheet HTML 167Page - Texas Instruments AM652X Datasheet HTML 168Page - Texas Instruments AM652X Datasheet HTML 169Page - Texas Instruments AM652X Datasheet HTML 170Page - Texas Instruments AM652X Datasheet HTML 171Page - Texas Instruments AM652X Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 277 page
background image
EPWM_SOCA/B
PWM5
EPERIPHERALS_TIMNG_04
EPWM_SYNCO
PWM2
EPWM_A/B_out
PWM1
PWM1
APWM
CAP2
EPERIPHERALS_TIMNG_02
168
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
(1) P = sysclk
Figure 5-38. eCAP Output Timings
For more information, see section Enhanced Capture (ECAP) Module in the device TRM.
5.9.5.7
eHRPWM
The supported features by the device eHRPWM are:
Dedicated 16-bit time-base counter with period and frequency control
Two independent PWM outputs which can be used in different configurations (with single-edge
operation, with dual-edge symmetric operation or one independent PWM output with dual-edge
asymmetric operation)
Asynchronous override control of PWM signals during fault conditions
Programmable phase-control support for lag or lead operation relative to other EPWM modules
Dead-band generation with independent rising and falling edge delay control
Programmable trip zone allocation of both latched and un-latched fault conditions
Events enabling to trigger both CPU interrupts and start of ADC conversions
Table 5-46, Table 5-47 and present timing and switching characteristics for eHRPWM (see Figure 5-39,
Figure 5-40, Figure 5-41, and Figure 5-42).
Table 5-46. Timing Requirements for eHRPWM
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM1
tw(PWM)
Pulse duration, PWM output high/low
-3 + 1P(1)
ns
PWM2
tw(SYNCOUT)
Pulse duration, Sync output
-3 + 1P(1)
ns
PWM3
td(TZ-PWM)
Delay time, trip input active to PWM forced high/low
11
ns
PWM4
td(TZ-PWMZ)
Delay time, trip input active to PWM Hi-Z
11
ns
PWM5
tw(SOC)
Pulse duration, SOC output (asynchronous)
-3 + 1P(1)
ns
(1) P = sysclk
Figure 5-39. ePWM_A/B_out, ePWM_SYNCO, and ePWM_SOCA/B Input Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com