Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-C451GBK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Y-C451GBK
Description  USB2.0 Type-A (M) to Micro-B (M) Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

Y-C451GBK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Y-C451GBK Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNITEK @ All Rights Reserved
USB2.0 Type-A (M) to Micro-B (M) Cable
Features:
With USB2.0 specification, data transfer speed up to 480Mbps.
For sync and charging.
Designed and constructed with grade A materials for maximum reliability
and durability.
Specifications:
Model
Cable Length
OD
Color
Y-C454GBK
0.5M
4.5MM
Black
Y-C451GBK
1M
Y-C434GBK
1.5M
Y-C455GBK
2M
Y-C435GBK
3M
Package Contents:
1 x USB2.0 Type-A (M) to Micro USB (M) Cable
Packaging: UNITEK Poly Bag


Similar Part No. - Y-C451GBK

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-ConAS-12 YAMAICHI-Y-ConAS-12 Datasheet
337Kb / 1P
   Accessories
Y-ConAS-13 YAMAICHI-Y-ConAS-13 Datasheet
337Kb / 1P
   Accessories
Y-ConAS-21 YAMAICHI-Y-ConAS-21 Datasheet
337Kb / 1P
   Accessories
Y-ConAS-22 YAMAICHI-Y-ConAS-22 Datasheet
337Kb / 1P
   Accessories
Y-ConAS-23 YAMAICHI-Y-ConAS-23 Datasheet
337Kb / 1P
   Accessories
More results

Similar Description - Y-C451GBK

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
51220115 COOLGEAR-51220115 Datasheet
591Kb / 1P
   USB 3.0 A/M TO Micro B/M
Rev A
logo
Tripp Lite. All Rights ...
U050-006 TRIPPLITE-U050-006 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 6-ft.
U050-003 TRIPPLITE-U050-003 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 3-ft.
U050-010 TRIPPLITE-U050-010 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 10-ft.
U050-003-COIL TRIPPLITE-U050-003-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Micro-B Coiled Cable (M/M), 3 ft.
logo
Coolgear Inc.
51220116 COOLGEAR-51220116 Datasheet
573Kb / 1P
   USB 3. 0 A/M TO Micro B /M
Rev A
logo
Tripp Lite. All Rights ...
U050-006-COIL TRIPPLITE-U050-006-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Micro-B Coiled Cable (M/M), 6 ft.
logo
Assmann Electronics Inc...
AK-300116-050-S ASSMANN-AK-300116-050-S Datasheet
169Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
AK-300116-010-S ASSMANN-AK-300116-010-S Datasheet
117Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
AK-300116-018-S ASSMANN-AK-300116-018-S Datasheet
116Kb / 1P
   USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com