| Electronic Components Datasheet Search |
|
STM8S Datasheet(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S Datasheet(HTML) 102 Page - STMicroelectronics |
|
102 / 467 page ![]() Power management RM0016 102/467 DocID14587 Rev 14 10.1.1 Clock management for low consumption Slowing down the system clock In Run mode, choosing the oscillator to be used as the system clock source is very important to ensure the best compromise between performance and consumption. The selection is done by programming the clock controller registers. Refer to the Clock control (CLK) section. As a further measure, fCPU can be reduced by writing to the CPUDIV[2:0] bits in the Clock divider register (CLK_CKDIVR). This reduces the speed of the CPU and consequently the power consumption of the MCU. The other peripherals (clocked by fMASTER) are not affected by this setting. To return to full speed at any time in Run mode, clear the CPUDIV[2:0] bits. Peripheral clock gating For additional power saving you can use peripheral clock gating (PCG). This can be done at any time by selectively enabling or disabling the fMASTER clock connection to individual peripherals. Refer to the Clock control (CLK) section. These settings are effective in both Run and Wait modes. 10.2 Low power modes The main characteristics of the four low power modes are summarized in Table 20. Table 20. Low power mode management Mode (consumption level) Main voltage regulator Oscillators CPU Peripherals Wakeup trigger event Wait ( - ) On On Off On(1) All internal interrupts (including AWU) or external interrupts, reset Active-halt ( - - ) On Off except LSI (or HSE) Off Only AWU(2) AWU or external(3) interrupts, reset Active-halt with MVR auto power off ( - - - ) Off (low power regulator on) Off except LSI only Off Only AWU(2) AWU or external(3) interrupts, reset Halt ( - - - - ) Off (low power regulator on) Off Off Off(2) External(3) interrupts, reset 1. If the peripheral clock is not disabled by peripheral clock gating function. 2. If activated, BEEP or IWDG stay switched on. In this case, the LSI clock is forced to run. 3. Including communication peripheral interrupts. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |