Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S Datasheet(PDF) 337 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 337 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 333Page - STMicroelectronics STM8S Datasheet HTML 334Page - STMicroelectronics STM8S Datasheet HTML 335Page - STMicroelectronics STM8S Datasheet HTML 336Page - STMicroelectronics STM8S Datasheet HTML 337Page - STMicroelectronics STM8S Datasheet HTML 338Page - STMicroelectronics STM8S Datasheet HTML 339Page - STMicroelectronics STM8S Datasheet HTML 340Page - STMicroelectronics STM8S Datasheet HTML 341Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 467 page
background image
DocID14587 Rev 14
337/467
RM0016
Universal asynchronous receiver transmitter (UART)
377
Note:
The lower the fMASTER frequency, the lower will be the accuracy for a particular baud
rate.The upper limit of the achievable baud rate can be fixed with this data.
22.3.5
Clock deviation tolerance of the UART receiver
The USART’s asynchronous receiver works correctly only if the total clock system deviation
is less than the USART receiver’s tolerance. The causes which contribute to the total
deviation are:
•
DTRA: Deviation due to the transmitter error (which also includes the deviation of the
transmitter’s local oscillator)
•
DQUANT: Error due to the baud rate quantization of the receiver
•
DREC: Deviation of the receiver’s local oscillator
•
DTCL: Deviation due to the transmission line (generally due to the transceivers which
can introduce an asymmetry between the low-to-high transition timing and the high-to-
low transition timing)
DTRA + DQUANT + DREC + DTCL < UART receiver’s tolerance
The UART receiver’s tolerance to properly receive data is equal to the maximum tolerated
deviation and depends on the following choices:
•
10- or 11-bit character length defined by the M bit in the UART_CR1 register
•
Use of fractional baud rate or not
Table 55. UART receiver tolerance when UART_DIV[3:0] is zero
Table 54. Baud rate programming and error calculation
Baud
rate
fMASTER = 10 MHz
fMASTER = 16 MHz
in
kbps
Actual
% Error (1)
UART_DIV BRR1 BRR2 Actual
% Error(1)
UART_DIV
BRR1 BRR2
2.4
2.399
−0.008%
0x1047
0x04
0x17
2.399
−0.005%
0x1A0B
0xA0
0x1B
9.6
9.596
−0.032%
0x0412
0x41
0x02
9.598
−0.020%
0x0693
0x68h 0x03
19.2
19.193
−0.032%
0x0209
0x20
0x09
19.208
−0.040%
0x0341
0x34
0x01
57.6
57.471
−0.224%
0x00AE
0x0A 0x0E
57.554
−0.080%
0x0116
0x11
0x06
115.2
114.942
−0.224%
0x0057
0x05
0x07 115.108
−0.080%
0x008B
0x08
0x0B
230.4 232.558
−0.937%
0x002B
0x02
0x0B 231.884
−0.644%
0x0045
0x04
0x05
460.8 454.545
−1.358%
0x0016
0x01
0x06 457.143
−0.794%
0x0023
0x02
0x03
921.6
NA
NA
NA
NA
NA
941.176
−2.124%
0x11
0x01
0x01
1. Error % = (Calculated - Desired) Baud Rate / Desired Baud Rate
M bit
NF is an error
NF is don’t care
0
3.75%
4.375%
1
3.41%
3.97%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com