Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S Datasheet(PDF) 348 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 348 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 344Page - STMicroelectronics STM8S Datasheet HTML 345Page - STMicroelectronics STM8S Datasheet HTML 346Page - STMicroelectronics STM8S Datasheet HTML 347Page - STMicroelectronics STM8S Datasheet HTML 348Page - STMicroelectronics STM8S Datasheet HTML 349Page - STMicroelectronics STM8S Datasheet HTML 350Page - STMicroelectronics STM8S Datasheet HTML 351Page - STMicroelectronics STM8S Datasheet HTML 352Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 467 page
background image
Universal asynchronous receiver transmitter (UART)
RM0016
348/467
DocID14587 Rev 14
22.4
LIN mode functional description
In LIN mode, 8-bit data format with 1 stop bit is required in accordance with the LIN
standard.
To configure these settings, clear the M bit in UART_CR1 register and clear the STOP[1:0]
bits in the UART_CR3 register.
22.4.1
Master mode
UART initialization
Procedure:
1.
Select the desired baudrate by programming the UART_BRR2 and UART_BRR1
registers.
2.
Enable LIN mode by setting the LINEN bit in the UART_CR3 register.
3.
Enable the transmitter and receiver by setting the TEN and REN bits in the UART_CR2
register.
LIN header transmission
According to the LIN protocol, any communication on the LIN bus is triggered by the Master
sending a Header, followed by the response. The Header is transmitted by the Master Task
(master node) while the data are transmitted by the Slave task of a node (master node or
one of the slave nodes).
Procedure without error monitoring:
1.
Request Break + Delimiter transmission (13 dominant bits and 1 recessive bit) by
setting the SBK bit in the UART_CR2 register.
2.
Request Synch Field transmission by writing 0x55 in the UART_DR register.
3.
Wait for the TC flag in the UART_SR register.
4.
Request Identifier Field transmission by writing the protected identifier value in the
UART_DR register.
5.
Wait for the TC flag in the UART_SR register.
Procedure with error monitoring:
1.
Request Break + Delimiter transmission (13 dominant bits and 1 recessive bit) by
setting the SBK bit in the UART_CR2 register;
2.
Wait for the LBDF flag in the UART_CR4 register.
3.
Request Synch Field transmission by writing 0x55 into UART_DR register.
4.
Wait for the RXNE flag in the UART_SR register and read back the UART_DR register.
5.
Request Identifier Field transmission by writing the protected identifier value in the
UART_DR register.
6.
Wait for the RXNE flag in the UART_SR register and read back the UART_DR register.
The LBDF flag is set only if a valid Break + Delimiter has been received back on the
UART_RX pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com