Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S Datasheet(PDF) 378 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 378 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 374Page - STMicroelectronics STM8S Datasheet HTML 375Page - STMicroelectronics STM8S Datasheet HTML 376Page - STMicroelectronics STM8S Datasheet HTML 377Page - STMicroelectronics STM8S Datasheet HTML 378Page - STMicroelectronics STM8S Datasheet HTML 379Page - STMicroelectronics STM8S Datasheet HTML 380Page - STMicroelectronics STM8S Datasheet HTML 381Page - STMicroelectronics STM8S Datasheet HTML 382Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 467 page
background image
Controller area network (beCAN)
RM0016
378/467
DocID14587 Rev 14
23
Controller area network (beCAN)
23.1
Introduction
The Basic Enhanced CAN peripheral, named beCAN, interfaces the CAN network. It
supports the CAN protocol version 2.0A and B. It has been designed to manage high
number of incoming messages efficiently with a minimum CPU load. It also meets the
priority requirements for transmit messages.
For safety-critical applications the CAN controller provides all hardware functions for
supporting the CAN Time triggered Communication option.
23.2
beCAN main features
•
Supports CAN protocol version 2.0 A, B Active
•
Bit rates up to 1 Mbit/s
•
Supports the Time Triggered Communication option
Transmission
•
Three transmit mailboxes
•
Configurable transmit priority
•
Time Stamp on SOF transmission
Reception
•
One receive FIFO with three stages
•
Six scalable filter banks
•
Identifier list feature
•
Configurable FIFO overrun
•
Time Stamp on SOF reception
Time triggered communication option
•
Disable automatic retransmission mode
•
16-bit free running timer
•
Configurable timer resolution
•
Time Stamp sent in last two data bytes
Management
•
Maskable interrupts
•
Software-efficient mailbox mapping at a unique address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com