Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S Datasheet(PDF) 390 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 390 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 386Page - STMicroelectronics STM8S Datasheet HTML 387Page - STMicroelectronics STM8S Datasheet HTML 388Page - STMicroelectronics STM8S Datasheet HTML 389Page - STMicroelectronics STM8S Datasheet HTML 390Page - STMicroelectronics STM8S Datasheet HTML 391Page - STMicroelectronics STM8S Datasheet HTML 392Page - STMicroelectronics STM8S Datasheet HTML 393Page - STMicroelectronics STM8S Datasheet HTML 394Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 467 page
background image
Controller area network (beCAN)
RM0016
390/467
DocID14587 Rev 14
Note:
In 32-bit configuration, the FMLx and FMHx bits must have the same value to ensure that
the four Mask/Identifier registers are in the same mode.
When a standard identifier is received (IDE bit is zero), the extended part of 32-bit or 16-bit
filters is not compared.
To filter a group of identifiers, configure the Mask/Identifier registers in mask mode.
To select single identifiers, configure the Mask/Identifier registers in identifier list mode.
Filters not used by the application should be left deactivated.
Each filter within a filter bank is numbered (called the Filter Number) from 0 to a maximum
dependent on the mode and the scale of each of the 6 filter banks.
For the filter configuration, refer to Figure 148 through Figure 151.
Figure 148. 32-bit filter bank configuration (FSCx bits = 0b11 in CAN_FCRx register)
Figure 149. 16-bit filter bank configuration (FSCx bits = 0b10 in CAN_FCRx register)
Filter registers
Filter mode1
Mapping
STID[10:3] /
EXID[28:21]
STID [2:0] /
EXID[20:18]
EXID
[17:15]
EXID [14:7]
EXID[6:0]
0
FMHx = 0
FMLx = 0
FMHx = 1
FMLx = 1
Identifier
CAN_FxR1
CAN_FxR2
CAN_FxR3
CAN_FxR4
ID
n
ID
n
Identifier/Mask
CAN_FxR5
CAN_FxR6
CAN_FxR7
CAN_FxR8
M
ID
n+1
ID= Identifier
M = Mask
n = Filter number
x = Filter bank number
1 The FMHx and FMLx bits are located in the CAN_FMR1 and CAN_FMR2 registers
Filter registers
Filter mode1
Mapping
STID[10:3] /
EXID[28:21]
STID [2:0]
/ EXID
[20:18]
EXID
[17:15]
FMHx = 0
FMLx = 0
FMHx = 0
FMLx = 1
FMHx = 1
FMLx = 0
FMHx = 1
FMLx = 1
Identifier
CAN_FxR1
CAN_FxR2
ID
n
ID
nID
n
ID
n
Identifier/Mask
CAN_FxR3
CAN_FxR4
M
ID
n+1
M
ID
n+1
Identifier
CAN_FxR5
CAN_FxR6
ID
n+1
ID
n+2
ID
n+1
ID
n+2
Identifier/Mask
CAN_FxR7
CAN_FxR8
M
M
ID
n+2
ID
n+3
ID= Identifier
M = Mask
n = Filter number
x = Filter bank number
1 The FMHx and FMLx bits are located in the CAN_FMR1 and CAN_FMR2 registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com