Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S Datasheet(PDF) 399 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 399 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 395Page - STMicroelectronics STM8S Datasheet HTML 396Page - STMicroelectronics STM8S Datasheet HTML 397Page - STMicroelectronics STM8S Datasheet HTML 398Page - STMicroelectronics STM8S Datasheet HTML 399Page - STMicroelectronics STM8S Datasheet HTML 400Page - STMicroelectronics STM8S Datasheet HTML 401Page - STMicroelectronics STM8S Datasheet HTML 402Page - STMicroelectronics STM8S Datasheet HTML 403Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 467 page
background image
DocID14587 Rev 14
399/467
RM0016
Controller area network (beCAN)
427
SOF = Start Of Frame; ID = Identifier; RTR = Remote Transmission Request; IDE = Identifier Extension;
r0, r1 = Reserved bits; DLC = Data Length Code; CRC = Cyclic Redundancy Code;
Error flag: 6 dominant bits if node is error active else 6 recessive bits.
Suspend transmission: applies to error passive nodes only.
EOF = End of Frame
ACK = Acknowledge bit (send as recessive)
Ctrl = Control
23.7
Interrupts
Two interrupt vectors are dedicated to beCAN. Each interrupt source can be independently
enabled or disabled by means of the CAN Interrupt Enable Register (CAN_IER) and CAN
Error Interrupt Enable register (CAN_EIER).
Figure 156. Event flags and interrupt generation
•
The FIFO interrupt can be generated by the following events:
–
Reception of a new message, FMP bits in the CAN_RFR register incremented.
–
FIFO full condition, FULL bit in the CAN_RFR register set.
–
FIFO overrun condition, FOVR bit in the CAN_RFR register set.
•
The transmit, error and status change interrupt can be generated by the following
events:
–
Transmit mailbox 0 becomes empty, RQCP0 bit in the CAN_TSR register set.
–
Transmit mailbox 1 becomes empty, RQCP1 bit in the CAN_TSR register set.
–
Transmit mailbox 2 becomes empty, RQCP2 bit in the CAN_TSR register set.
–
Error condition, for more details on error conditions please refer to the CAN Error
Status register (CAN_ESR).
–
Wakeup condition, SOF monitored on the CAN Rx signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com