Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S Datasheet(PDF) 428 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 428 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 424Page - STMicroelectronics STM8S Datasheet HTML 425Page - STMicroelectronics STM8S Datasheet HTML 426Page - STMicroelectronics STM8S Datasheet HTML 427Page - STMicroelectronics STM8S Datasheet HTML 428Page - STMicroelectronics STM8S Datasheet HTML 429Page - STMicroelectronics STM8S Datasheet HTML 430Page - STMicroelectronics STM8S Datasheet HTML 431Page - STMicroelectronics STM8S Datasheet HTML 432Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 467 page
background image
Analog/digital converter (ADC)
RM0016
428/467
DocID14587 Rev 14
24
Analog/digital converter (ADC)
24.1
Introduction
ADC1 and ADC2 are 10-bit successive approximation Analog to Digital Converters. They
have up to 16 multiplexed input channels (the exact number of channels is indicated in the
datasheet pin description). A/D Conversion of the various channels can be performed in
single, and continuous modes.
ADC1 has extended features for scan mode, buffered continuous mode and analog
watchdog. Refer to the datasheet for information about the availability of ADC1 and ADC2 in
specific product types.
24.2
ADC main features
These features are available in ADC1 and ADC2.
•
10-bit resolution
•
Single and continuous conversion modes
•
Programmable prescaler: fMASTER divided by 2 to 18
•
External trigger option using external interrupt (ADC_ETR) or timer trigger (TRGO)
•
Analog zooming (in devices with VREF pins)
•
Interrupt generation at End of Conversion
•
Data alignment with in-built data coherency
•
ADC input range: VSSA ≤VIN ≤VDDA
24.3
ADC extended features
These features are available in ADC1.
•
Buffered continuous conversion mode(a)
•
Scan mode for single and continuous conversion
•
Analog watchdog with upper and lower thresholds
•
Interrupt generation at analog watchdog event
The block diagrams of ADC1 and ADC2 are shown in Figure 159 and Figure 160
a. Data buffer size is product dependent (10 x 10 bits or 8 x 10 bits). Please refer to the datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com