Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 102 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 102 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 98Page - Advanced Micro Devices AM79C930 Datasheet HTML 99Page - Advanced Micro Devices AM79C930 Datasheet HTML 100Page - Advanced Micro Devices AM79C930 Datasheet HTML 101Page - Advanced Micro Devices AM79C930 Datasheet HTML 102Page - Advanced Micro Devices AM79C930 Datasheet HTML 103Page - Advanced Micro Devices AM79C930 Datasheet HTML 104Page - Advanced Micro Devices AM79C930 Datasheet HTML 105Page - Advanced Micro Devices AM79C930 Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 161 page
background image
AMD
P R E L I M I N A R Y
102
Am79C930
2
ADDA
0
A/D D/A mode. ADDA is used with ENEXT (TCR25[6]), ENSAR
(TCR25[5]), and UXA2DST (TCR25[7]) to determine the mode of
operation of the A/D portion of the Am79C930 device according to
the following table:
ADDA
ENEXT
ENSAR
UXA2DST
A/D
TIR26[2]
TCR25[6]
TCR25[5]
TCR25[7]
mode
0
0
0
0
internal_A
0
0
0
1
reserved
0
0
1
0
internal_B
0
0
1
1
internal_C
0
1
0
X
external
0
1
1
X
reserved
1
X
0
X
reserved
1
X
1
X
D/A mode
For a complete description of the operation of each of the above
modes, see the RSSI A/D subsection of the TAI section.
1
SRCS
0
A/D Source Select. When SRCS is set to 0, then ADIN1 is the input
to the A/D converter for internal A/D modes. When SRCS is set to 1,
then ADIN2 is the input to the A/D converter for internal A/D modes.
SRCS has no effect when external or D/A mode has been selected.
0
STRTC
0
Start Conversion. Whenever a 1 is written to STRTC (i.e., even if
the bit value is already 1), the A/D begins the conversion process on
the current comparator input, unless a conversion cycle is currently
under way. STRTC is
intended for use only at times when the A/D
conversion process is not controlled by the antenna diversity logic.
That is, whenever RXS=0, writing a 1 to STRTC will; however,
initiate a conversion cycle regardless of the state of the RXS bit
of TIR16.
TIR27: Serial Approximation Register
This register is the SAR register. Contains the A/D con-
verter’s Serial Approximation Register value. A read
from this register will give the current value of the SAR in
the A/D circuit.
Bit
Name
Reset Value
Description
7
CACT
0
Conversion Active. When an A/D conversion is being performed,
the Am79C930 device will set this bit to a 1. When the conversion
operation has completed, the Am79C930 device will reset this bit to
a 0.
6–0
SAR[6:0]
pin
Serial Approximation Register. Contains the A/D converter’s Serial
Approximation Register value. A read from this register will give the
current value of the SAR in the A/D circuit. When CACT is a 1, then
this value is not stable. A write to this register will cause the written
value to be driven onto the SAR[6:0] pins if the ADDA bit of TIR26 is
set to 1. If the ADDA bit of TIR26 is set to 0, then a write to SAR[6:0]
bits of TIR27 will have no effect on the internal A/D conversion proc-
ess or on the SAR[6:0] output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com