Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 109Page - Advanced Micro Devices AM79C930 Datasheet HTML 110Page - Advanced Micro Devices AM79C930 Datasheet HTML 111Page - Advanced Micro Devices AM79C930 Datasheet HTML 112Page - Advanced Micro Devices AM79C930 Datasheet HTML 113Page - Advanced Micro Devices AM79C930 Datasheet HTML 114Page - Advanced Micro Devices AM79C930 Datasheet HTML 115Page - Advanced Micro Devices AM79C930 Datasheet HTML 116Page - Advanced Micro Devices AM79C930 Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 161 page
background image
P R E L I M I N A R Y
AMD
113
Am79C930
value that is present on the LLOCKE pin, regardless of the setting of
the PCMCIA pin.
The control of the function of the LLOCKE/SA15 pin is described in
the
Multi-Function Pin section.
5
Reserved
–
Reserved. Must be written as a 0. Reads of these bits produce
undefined data.
4:0
USEREN[4:0]
00h
USER[4:0] Enable. These five bits are used to determine the direc-
tion of the USER[4:0] pins. When any bit of the USEREN register is
set to a 1, then the corresponding USER device pin is enabled to
drive both high and low output values. USER output values are de-
termined by the individual bit settings of the USERDT register
(TIR29). When any bit of the USEREN register is reset to a 0, then
the corresponding USER device pin is forced to a high-impedance
state. Reads of the USERDT register (TIR29) will yield the value
that is present on any particular USER pin.
The control of the function of each of the USER pins is described in
the
Multi-Function Pin section.
TCR15: Pin Configuration C
This register is the Pin Configuration C register. This
register is used to set the state of the
ACT, STSCHG,
USER5, USER6, RXC, TXCMD,
TXDATA, and ANTSLT
pins as outputs or as high impedance inputs.
CONFIGURATION REGISTER INDEX:
0Fh
Bit
Name
Reset Value
Description
7
ANTSLTLEN
0
ANTSLT Enable. ANTSLTLEN, the ANTSLTLFN bit of TCR30, the
ANTSEN bit of TIR26, and the PCMCIA pin are used to determine
the function of the
ANTSLT/LA23 pin.
The control of the function of the
ANTSLT/LA23 pin is described in
the
Multi-Function Pin section.
6
TXDLEN
0
TXDATA Enable. TXDLEN, the TXDLFN bit of TCR30, and the
PCMCIA pin are used to determine the direction of the
TXDATA/
LA20 pin.
The control of the function of the
TXDATA/LA20 pin is described in
the
Multi-Function Pin section.
5
TXCMEN
0
TXCMD Enable. TXCMEN, the TXCMFN bit of TCR30, the RCEN
bit of TIR11 and the PCMCIA pin are used to determine the direc-
tion of the TXCMD/LA21 pin.
The control of the function of the TXCMD/LA21 pin is described in
the
Multi-Function Pin section.
4
RXCEN
0
RXC Enable. RXCEN is used with RXCFN (TCR28[7]), the ISA
PnP interrupt level select register, the ISA PnP interrupt type regis-
ter, and the PCMCIA pin to determine the function of the RXC/
IRQ10 pin.
The control of the function of the RXC/IRQ10 pin is described in the
Multi-Function Pin section.
3
USER6EN
0
USER6 Enable. USER6EN, the USER6FN bit of TCR15, the ISA
PnP interrupt level select register, the ISA PnP interrupt type regis-
ter, and the PCMCIA pin are used to determine the function of the
USER6IRQ5 pin.
The control of the function of the USER6/IRQ5 pin is described in
the
Multi-Function Pin section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com