Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 122Page - Advanced Micro Devices AM79C930 Datasheet HTML 123Page - Advanced Micro Devices AM79C930 Datasheet HTML 124Page - Advanced Micro Devices AM79C930 Datasheet HTML 125Page - Advanced Micro Devices AM79C930 Datasheet HTML 126Page - Advanced Micro Devices AM79C930 Datasheet HTML 127Page - Advanced Micro Devices AM79C930 Datasheet HTML 128Page - Advanced Micro Devices AM79C930 Datasheet HTML 129Page - Advanced Micro Devices AM79C930 Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 161 page
background image
AMD
P R E L I M I N A R Y
126
Am79C930
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
–65 to +150
°C
. . . . . . . . . . . .
Ambient Temperature Under Bias:
–65 to +125
°C
. . .
Supply Voltage to AVSS
or DVSS (AVDD, DVDD):
–0.3 to +6 V
. . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum
Ratings
for
extended
periods
may
affect
device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to + 70°C
. . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, VCC, VDDT, VDDU1, VDDU2, VDDM, VDDP, VDD5)
+5 V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All inputs within the range:
AVSS – 0.5 V
≤ V
IN
≤
. . . . .
AVDD + 0.5 V, or
DVSS – 0.5 V
≤ V
IN
≤
DVDD + 0.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS
5.0 V Am79C930 DC Characteristics
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
VOL
Output LOW Voltage
IOL1 = 4 mA
0.45
V
IOL2 = 12 mA
0.45
IOL3 = 24 mA
0.45
(Note 1, 5)
VOH
Output HIGH Voltage (Note 2)
IOH = –.4 mA (Note 5)
2.8
V
VOLC
Output LOW Voltage for
IOL = 0.2 mA
0.1 X VDD
V
CMOS only load
VOHC
Output HIGH Voltage for
IOH = –0.2 mA
0.9 X VDD
V
CMOS only load
IIX
Input Leakage Current (Note 3)
VDD = 5 V, VIN = 0 V
–10
10
µA
VILX
XTAL1 Input LOW Voltage Threshold
VIN = External Clock
–0.5
0.8
V
VIHX
XTAL1 Input HIGH Voltage Threshold
VIN = External Clock
3.5
VDD + 0.5
V
IILX
XTAL1 Input LOW Current
VIN = External Clock (Active)
–100
µA
VIN = VSS (Power Down)
–10
+10
µA
IIHX
XTAL1 Input HIGH Current
VIN = External Clock (Active)
100
µA
VIN = VDD (Power Down)
400
µA
IOZL
Output Leakage Current (Note 4)
VOUT = 0.4 V
–10
µA
IOZH
Output Leakage Current (Note 4)
VOUT = VDD
10
µA
IDDF
Power Supply Current
CLKIN = 40 MHz,
150
mA
PMX1 = 32.768 kHz
IDDS
Power Supply Current
CLKIN = 20 MHz,
85
mA
PMX1 = 32.768 kHz
IDDPD1
Power Supply Current
Power Down mode
45
mA
CLKIN = internally cutoff,
PMX1 = 32.768 kHz,
no host interface
accesses occurring
VIN
≤ VIL or VIN ≥ VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com