Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 131 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 127Page - Advanced Micro Devices AM79C930 Datasheet HTML 128Page - Advanced Micro Devices AM79C930 Datasheet HTML 129Page - Advanced Micro Devices AM79C930 Datasheet HTML 130Page - Advanced Micro Devices AM79C930 Datasheet HTML 131Page - Advanced Micro Devices AM79C930 Datasheet HTML 132Page - Advanced Micro Devices AM79C930 Datasheet HTML 133Page - Advanced Micro Devices AM79C930 Datasheet HTML 134Page - Advanced Micro Devices AM79C930 Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 161 page
background image
P R E L I M I N A R Y
AMD
131
Am79C930
AC CHARACTERISTICS
5.0 AND 3.3 V PCMCIA INTERFACE
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
–65 to +150*C
. . . . . . . . . . . .
Ambient Temperature Under Bias:
–65 to +125*C
. . .
Supply Voltage to AVSS
or DVSS (AVDD, DVDD):
–0.3 to +6 V
. . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum
Ratings
for
extended
periods
may
affect
device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to + 70°C
. . . . . . . . . . . . . . . . .
Supply Voltages (VCC, VDDT, VDDU1, VDDU2, VDDM, VDDP)
3.0 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, VDD5)
+5 V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . .
All inputs within the range: VSS – 0.5 V
≤ V
IN
≤ V
DD
+ 0.1 X
VDD – where VSS and VDD are appropriate reference pins
for a given input pin. (See section on power supply
pin descriptions.)
CL = 50 pF unless otherwise noted
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
PCMCIA MEMORY READ ACCESS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
tAVQV
Address access time
Note 1
0
550
ns
tAVGL
Address setup to
OE
↓
5ns
tGHAX
Address hold from
OE
↑
20
ns
tELQV
CE access time
Note 1
0
550
ns
tELGL
CE setup to OE
↓
0ns
tGHEH
CE hold from OE
↑ (READ) or
CE hold from WE
↑ (WRITE)
20
ns
tGLQV
OE acess time
Note 1
0
200
ns
tGLWTV
WAIT valid from OE
↓
35
ns
tWTLWTH
WAIT pulse width
Notes 2, 3
53 X TCLKIN
ns
tGLQNZ
Data Bus driven from
OE
Note 3
0
ns
tQVWTH
Data setup to
WAIT
↑
0ns
tGHQZ
Data disabled from
OE
↑
Note 3
90
ns
Notes:
1. Assumes no wait state access is programmed.
2. The max value for this parameter assumes the following worst case situation:
Value
Worst Case
0
FLASH and SRAM wait states set at “3.”
1
Host performs PCMCIA WRITE cycle at same time that Am79C930 embedded 80188 controller begins
instruction fetch cycle to FLASH memory.
2
PCMCIA WRITE cycle is posted internal to Am79C930 device, pending the completion of the embedded 80188
controller access.
3
Host performs PCMCIA READ cycle immediately following completion of PCMCIA WRITE cycle.
4
After completion of first embedded 80188 access to FLASH, posted PCMCIA WRITE executes to SRAM;
PCMCIA READ stycle is being held in wait state.
5
After completion of posted ISA WRITE cycle, new embedded 80188 access to FLASH begins.
6
After completion of second embedded 80188 access to FLASH, PCMCIA READ cycle is allowed to proceed onto
memory bus to SRAM; host is still held in wait state.
7
At SRAM READ cycle completion, data is delivered to PCMCIA bus and wait state is exited.
3. Parameter is not included in production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com