Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 147 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 143Page - Advanced Micro Devices AM79C930 Datasheet HTML 144Page - Advanced Micro Devices AM79C930 Datasheet HTML 145Page - Advanced Micro Devices AM79C930 Datasheet HTML 146Page - Advanced Micro Devices AM79C930 Datasheet HTML 147Page - Advanced Micro Devices AM79C930 Datasheet HTML 148Page - Advanced Micro Devices AM79C930 Datasheet HTML 149Page - Advanced Micro Devices AM79C930 Datasheet HTML 150Page - Advanced Micro Devices AM79C930 Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 161 page
background image
P R E L I M I N A R Y
AMD
147
Am79C930
AC CHARACTERISTICS
5.0 AND 3.3 V IEEE 1149.1 INTERFACE
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
–65 to +150
°C
. . . . . . . . . . . .
Ambient Temperature Under Bias:
–65 to +125
°C
. . .
Supply Voltage to AVSS
or DVSS (AVDD, DVDD):
–0.3 to +6 V
. . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum
Ratings
for
extended
periods
may
affect
device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to + 70°C
. . . . . . . . . . . . . . . . .
Supply Voltages (VCC,VDDT, VDDU1, VDDU2, VDDM, VDDP)
3.0 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, VDD5)
+5 V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . .
All inputs within the range: VSS – 0.5 V
≤ V
IN
≤ V
DD
+ 0.1 X
VDD – where VSS and VDD are appropriate reference pins
for a given input pin. (See section on power supply
pin descriptions.)
CL = 50 pF unless otherwise noted
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
t25
TCK period
100
ns
t30
TDI, TMS setup time to TCK
↑
16
ns
t31
TDI, TMS hold time from TCK
↑
10
ns
t32
TDO valid delay from TCK
↓
360
ns
t34
All outputs (non-test) valid delay
3
60
ns
from TCK
↓
t35
All outputs (non-test) float delay
70
ns
from TCK
↓
Note 1
t36
All inputs (non-test) setup time to
8
ns
TCK
↑
t37
All inputs (non-test) hold time from
25
ns
TCK
↑
Note:
1. Parameter is not included in production test.
ANALOG-TO-DIGITAL (A/D)
CONVERTER CHARACTERISTICS
Resolution:
7 bits
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Resolution Tested:
4 bits
. . . . . . . . . . . . . . . . . . . . . .
Sample Rate:
1.66 MSPS (600 ns)*
. . . . . . . . . . . . . .
Recommended A/D Ref Range:
1.25 to 1.75 V**
. . . .
Range of ADIN1 + ADIN2:
0 to (ADREF x 2)
. . . . . . .
*User should program a 0011 in A2DT[3:0] of TCR25.
**ADREF is doubled internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com