Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 157 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 157 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 153Page - Advanced Micro Devices AM79C930 Datasheet HTML 154Page - Advanced Micro Devices AM79C930 Datasheet HTML 155Page - Advanced Micro Devices AM79C930 Datasheet HTML 156Page - Advanced Micro Devices AM79C930 Datasheet HTML 157Page - Advanced Micro Devices AM79C930 Datasheet HTML 158Page - Advanced Micro Devices AM79C930 Datasheet HTML 159Page - Advanced Micro Devices AM79C930 Datasheet HTML 160Page - Advanced Micro Devices AM79C930 Datasheet HTML 161Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 157 / 161 page
background image
P R E L I M I N A R Y
AMD
157
Am79C930
5.0 V NON-PCMCIA AC TEST REFERENCE WAVEFORM
This waveform indicates the AC testing method em-
ployed for all signals that are not PCMCIA bus signals
when the appropriate power supply pins are set to
5.0 V (i.e., VDDT, VDDU1, VDDU2, VDDM pins = 5.0 V).
This includes ISA signals, TAI interface signals, Mem-
ory Bus Interface signals, IEEE 1149.1 signals and any
other signal not considered to be part of the PCMCIA
bus interface.
20138B-24
output
measured parameter value
input
2.0
0.8
2.4
0.45
2.0
0.8
2.4
0.45
Figure 18. 5.0 V Non-PCMCIA AC Test Reference Waveform
3.3 V NON-PCMCIA AC TEST REFERENCE WAVEFORM
This waveform indicates the AC testing method em-
ployed for all signals that are not PCMCIA bus signals
when the appropriate power supply pins are set to 3.3 V
(i.e., VDDT, VDDU1, VDDU2, VDDM pins = 3.3 V). This
includes ISA signals, TAI interface signals, Memory Bus
Interface signals, IEEE 1149.1 signals and any
other signal not considered to be part of the PCMCIA
bus interface.
20138B-25
output
measured parameter value
input
2.0
0.8
2.4
0.45
2.0
0.8
2.4
0.45
Figure 19. 3.3 V Non-PCMCIA AC Test Reference Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com