Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RLLA3 Datasheet(PDF) 118 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RLLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RLLA3 Datasheet(HTML) 118 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RLLA3 Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 111Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 112Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 113Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 114Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 115Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 116Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 117Page - Integrated Silicon Solution, Inc IS25LP032D-RLLA3 Datasheet HTML 118Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 118 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
118
Rev. A12
08/04/2020
Notes:
2. A3 meets AEC-Q100 requirements with PPAP.
Temp Grades: E= -40 to 105
°C, A3= -40 to 125°C
Density,
Voltage
Frequency (MHz)
Order Part Number
Package
32Mb,
3V
STR 133,
DTR 66
IS25LP032D-JBLE
8-pin SOIC 208mil
IS25LP032D-QBLE
8-pin SOIC 208mil
IS25LP032D-JNLE
8-pin SOIC 150mil
IS25LP032D-QNLE
8-pin SOIC 150mil
IS25LP032D-JTLE
8-contact USON 4x3mm
IS25LP032D-JELE
8-contact XSON 4x4mm
IS25LP032D-JKLE
8-contact WSON 6x5mm
IS25LP032D-RMLE
16-pin SOIC 300mil
IS25LP032D-RGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LP032D-RHLE
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP032D-JBLA3
8-pin SOIC 208mil
IS25LP032D-QBLA3
8-pin SOIC 208mil
IS25LP032D-JNLA3
8-pin SOIC 150mil
IS25LP032D-QNLA3
8-pin SOIC 150mil
IS25LP032D-JTLA3
8-contact USON 4x3mm
IS25LP032D-QTLA3
8-contact USON 4x3mm
IS25LP032D-JELA3
8-contact XSON 4x4mm
IS25LP032D-JKLA3
8-contact WSON 6x5mm
IS25LP032D-JLLA3
8-contact WSON 8x6mm
IS25LP032D-RMLA3
16-pin SOIC 300mil
IS25LP032D-RGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LP032D-RHLA3
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
32Mb,
1.8V
STR 133,
DTR 66
IS25WP032D-JBLE
8-pin SOIC 208mil
IS25WP032D-QBLE
8-pin SOIC 208mil
IS25WP032D-JNLE
8-pin SOIC 150mil
IS25WP032D-QNLE
8-pin SOIC 150mil
IS25WP032D-JTLE
8-contact USON 4x3mm
IS25WP032D-JELE
8-contact XSON 4x4mm
IS25WP032D-JKLE
8-contact WSON 6x5mm
IS25WP032D-RMLE
16-pin SOIC 300mil
IS25WP032D-RGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WP032D-RHLE
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25WP032D-JBLA3
8-pin SOIC 208mil
IS25WP032D-QBLA3
8-pin SOIC 208mil
IS25WP032D-JNLA3
8-pin SOIC 150mil
IS25WP032D-QNLA3
8-pin SOIC 150mil
IS25WP032D-JTLA3
8-contact USON 4x3mm
IS25WP032D-JELA3
8-contact XSON 4x4mm
IS25WP032D-JKLA3
8-contact WSON 6x5mm
IS25WP032D-RMLA3
16-pin SOIC 300mil
IS25WP032D-RGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WP032D-RHLA3
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com