Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F2P0VBQ0 Datasheet(PDF) 102 Page - Intel Corporation

Part # PC48F2P0VBQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F2P0VBQ0 Datasheet(HTML) 102 Page - Intel Corporation

Back Button PC48F2P0VBQ0 Datasheet HTML 94Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 95Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 96Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 97Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 98Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 99Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 100Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 101Page - Intel Corporation PC48F2P0VBQ0 Datasheet HTML 102Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 102 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
102
Order Number: 306666, Revision: 001
Appendix F Ordering Information for SCSP Products
Figure 49.
Decoder for SCSP Intel StrataFlash® Embedded Memory (P30)
F 4 0
P 0 Z B
8
D 4
R
0 0
Q
Group Designator
48F = Flash Memory only
Package Designator
RD = Intel
® SCSP, leaded
PF = Intel
® SCSP, lead-free
RC = 64-Ball Easy BGA, leaded
PC = 64-Ball Easy BGA, lead-free
Flash Density
0 = No die
2 = 64-Mbit
3 = 128-Mbit
4 = 256-Mbit
0
Product Family
P = Intel StrataFlash® Embedded Mem ory
0 = No die
Device Details
0 = Original version of the product
(refer to the latest version of the
datasheet for details)
Ballout Designator
Q = QUAD ballout
0 = Discrete ballout
Parameter, Mux Configuration
B = Bottom Param eter, Non Mux
T = Top Parameter, Non Mux
I/O Voltage, CE# Configuration
Z = 3.0 V, Individual Chip Enable(s)
V = 3.0 V, Virtual Chip Enable(s)
Table 42.
Valid Combinations for Stacked Products
64-Mbit
128-Mbit
256-Mbit
512-Mbit
1-Gbit
RD48F2000P0ZBQ0
RD48F3000P0ZBQ0
RD48F4000P0ZBQ0
RD48F4400P0VBQ0
RD48F4444PPVBQ0
RD48F2000P0ZTQ0
RD48F3000P0ZTQ0
RD48F4000P0ZTQ0
RD48F4400P0VTQ0
RD48F4444PPVTQ0
PF48F2000P0ZBQ0
PF48F3000P0ZBQ0
PF48F4000P0ZBQ0
PF48F4400P0VBQ0
PF48F4444PPVBQ0
PF48F2000P0ZTQ0
PF48F3000P0ZTQ0
PF48F4000P0ZTQ0
PF48F4400P0VTQ0
PF48F4444PPVTQ0
RC48F4400P0VB00
RC48F4400P0VT00
PC48F4400P0VB00
PC48F4400P0VT00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com