Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722IC Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32F722IC
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722IC Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32F722IC Datasheet HTML 221Page - STMicroelectronics STM32F722IC Datasheet HTML 222Page - STMicroelectronics STM32F722IC Datasheet HTML 223Page - STMicroelectronics STM32F722IC Datasheet HTML 224Page - STMicroelectronics STM32F722IC Datasheet HTML 225Page - STMicroelectronics STM32F722IC Datasheet HTML 226Page - STMicroelectronics STM32F722IC Datasheet HTML 227Page - STMicroelectronics STM32F722IC Datasheet HTML 228Page - STMicroelectronics STM32F722IC Datasheet HTML 229Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 228 / 229 page
background image
Revision history
STM32F722xx STM32F723xx
228/229
DS11853 Rev 6
Revision history
Table 128. Document revision history
Date
Revision
Changes
03-Feb-2017
1
Initial release.
30-Mar-2017
2
Updated cover with the maximum SPI speed at 54 Mbit/s.
Updated Figure 15: STM32F722xx LQFP64 pinout.
01-Jun-2017
3
Updated Figure 18: STM32F723xx WLCSP100 ballout (with OTG PHY
HS).
Updated note 1 below all the package device marking figures.
Updated Section 1: Introduction.
Updated Table 60: I/O current injection susceptibility note by ‘injection
is not possible’.
Updated Table 67: ADC characteristics RADC min at 1.5 Kohm.
Updated Figure 47: Recommended NRST pin protection note about the
0.1uF capacitor.
Updated Table 78: DAC characteristics RLOAD feature.
Updated Figure 41: ACCHSI versus temperature.
10-Apr-2018
4
Added Section 1: Introduction.
Removed memory mapping, transferred in the reference manual
(RM0431).
Updated Table 10: STM32F722xx and STM32F723xx pin and ball
definition footnote 5 only for PC14, PC15, PH0, PH1.
Updated Table 125: Package thermal characteristics thermal values for
LQFP packages.
23-Mar-2020
5
Updated Table 1: Device summary adding STM32F723VC.
Added LQFP100 package for STM32F723xx devices:
– Updated Table 2: STM32F722xx and STM32F723xx features and
peripheral counts.
– Updated Section 2.2: STM32F723xx versus STM32F722xx
LQFP100/ LQFP144/ LQFP176 packages.
– Added Figure 3: Compatible board design for LQFP100 package.
– Added Figure 17: STM32F723xx LQFP100 pinout.
– Updated Table 10: STM32F722xx and STM32F723xx pin and ball
definition
Added VDDPHYS
– Updated Figure 6: STM32F722xx and STM32F723xx block diagram.
– Updated Figure 29: STM32F723xx power supply scheme.
– Updated Table 13: Voltage characteristics
– Updated Table 16: General operating conditions
Updated Section 7: Package information.
0
6-Apr-2020
6
Updated Table 53: Flash memory programming maximum
programming voltage (Vprog) for 32-bit Flash program operation at 3.6V
(instead of 3V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com