Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCK6TR Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32F722VCK6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK6TR Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32F722VCK6TR Datasheet HTML 189Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 190Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 191Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 192Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 193Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 194Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 195Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 196Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 229 page
background image
DS11853 Rev 6
193/229
STM32F722xx STM32F723xx
Electrical characteristics
201
Figure 73. NAND controller waveforms for common memory write access
Table 105. Switching characteristics for NAND Flash read cycles(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(N0E)
FMC_NOE low width
4Thclk -0.5
4Thclk +0.5
ns
tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
11
-
th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
td(ALE-NOE) FMC_ALE valid before FMC_NOE low
-
3Thclk +1.5
th(NOE-ALE) FMC_NWE high to FMC_ALE invalid
4Thclk - 2
-
Table 106. Switching characteristics for NAND Flash write cycles(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4Thclk -0.5
4Thclk +0.5
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
0
-
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
2Thclk - 1
-
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5Thclk - 1
-
td(ALE-NWE)
FMC_ALE valid before FMC_NWE low
-
3Thclk +1.5
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
2Thclk - 2
-
MS32770V1
tw(NWE)
th(NWE-D)
tv(NWE-D)
FMC_NWE
FMC_N OE
FMC_D[15:0]
td(D-NWE)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NOE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com