Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCK6TR Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32F722VCK6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK6TR Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32F722VCK6TR Datasheet HTML 194Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 195Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 196Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 197Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 198Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 199Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 200Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 201Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 229 page
background image
Electrical characteristics
STM32F722xx STM32F723xx
198/229
DS11853 Rev 6
tw(CKH)
Quad-SPI clock high
and low time
-
t(CK)/2 - 0.5
-
t(CK)/2 + 0.5
ns
tw(CKL)
t(CK)/2 - 0.5
-
t(CK)/2 + 0.5
ts(IN)
Data input setup time
-
3-
-
th(IN)
Data input hold time
1
-
-
tv(OUT)
Data output valid time
2.7 V<VDD<3.6 V
-
1.5
3
1.71 V<VDD<3.6 V
-
1.5
2.5
th(OUT)
Data output hold time
-
0.5
-
-
1. Guaranteed by characterization results.
Table 112. Quad-SPI characteristics in DDR mode(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fck1/t(CK) Quad-SPI clock frequency
2.7 V<VDD<3.6 V
CL=20 pF
--
80
MHz
1.8 V<VDD<3.6 V
CL=15 pF
--
80
1.71 V<VDD<3.6 V
CL=10 pF
--
80
tw(CKH)
Quad-SPI clock high and
low time
-
t(CK)/2 -
0.5
-
t(CK)/2 +
0.5
ns
tw(CKL)
t(CK)/2 -
0.5
-
t(CK)/2 +
0.5
ts(IN),
tsf(IN)
Data input setup time
2.7 V<VDD<3.6 V
1
-
-
1.71 V<VDD<2 V
0.5
-
-
thr(IN),
thf(IN)
Data input hold time
2.7 V<VDD<3.6 V
2.25
-
-
1.71 V<VDD<2 V
2.75
-
-
tvr(OUT),
tvf(OUT)
Data output valid time
2.7 V<VDD<3.6 V
-
9.5
11.5
1.71 V<VDD<3.6 V
DHHC=0
-
9.5
12.25
DHHC=1
Pres=1, 2...
-
Thclk/2
+2
Thclk/2
+2.5
thr(OUT),
thf(OUT)
Data output hold time
DHHC=0
5.5
-
-
DHHC=1
Pres=1, 2...
Thclk/2
+0.75
--
Table 111. Quad-SPI characteristics (continued)in SDR mode(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com