Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 139Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 140Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 141Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 142Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 143Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 144Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 145Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 146Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 229 page
background image
DS11853 Rev 6
143/229
STM32F722xx STM32F723xx
Electrical characteristics
201
6.3.15
USB HS PHY external resistor characteristics
(on STM32F723xx devices)
6.3.16
Memory characteristics
Flash memory
The characteristics are given at TA = –40 to 105 °C unless otherwise specified.
The devices are shipped to customers with the Flash memory erased.
Table 51. USB HS PHY external resistor characteristics (on STM32F723xx devices)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
REXT
External calibration resistor connected
(to GND) from OTG_HS_REXT
Required if using
USB HS PHY
2.97
3.00
3.03
k
Ω
Table 52. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current
Write / Erase 8-bit mode, VDD = 1.7 V
-
6.7
-
mA
Write / Erase 16-bit mode, VDD = 2.1 V
-
9.2
-
Write / Erase 32-bit mode, VDD = 3.3 V
-
12.6
-
Table 53. Flash memory programming
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1) Unit
tprog
Word programming time
Program/erase parallelism
(PSIZE) = x 8/16/32
-16
100(2)
µs
tERASE16KB Sector (16 KB) erase time
Program/erase parallelism
(PSIZE) = x 8
-
346
418
ms
Program/erase parallelism
(PSIZE) = x 16
-
252
312
Program/erase parallelism
(PSIZE) = x 32
-
208
265
tERASE128KB Sector (128 KB) erase time
Program/erase parallelism
(PSIZE) = x 8
-
1953
2500
ms
Program/erase parallelism
(PSIZE) = x 16
-
1252
1639
Program/erase parallelism
(PSIZE) = x 32
-
927
1322
tERASE64KB Sector (64 KB) erase time
Program/erase parallelism
(PSIZE) = x 8
-
1027
1298
ms
Program/erase parallelism
(PSIZE) = x 16
-
675
840
Program/erase parallelism
(PSIZE) = x 32
-
505
682



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com