Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 172Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 173Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 174Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 175Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 176Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 177Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 178Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 179Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 229 page
background image
Electrical characteristics
STM32F722xx STM32F723xx
176/229
DS11853 Rev 6
USB high speed (HS) characteristics (embedded PHY High speed on
STM32F723xx devices)
Table 89. Dynamic characteristics: USB ULPI(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tSC
Control in (ULPI_DIR, ULPI_NXT) setup time
-
1.5
-
-
ns
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
-
1
-
-
tSD
Data in setup time
-
1.5
-
-
tHD
Data in hold time
-
1
-
-
tDC/tDD Data/control output delay
2.7 V < VDD < 3.6 V,
CL = 20 pF and
OSPEEDRy[1:0] = 11
-6
7.5
--
9.5
11
1.7 V < VDD < 3.6 V,
CL = 15 pF and
OSPEEDRy[1:0] = 11
-
1. Guaranteed by characterization results.
Table 90. USB OTG high speed DC electrical characteristics
Symbol
Parameter
Conditions
Min Typ Max
Unit
Vhssq
High speed squelch detection threshold
-
100
-
150
mV
Vhsdsc
High speed disconnect detection threshold
-
525
-
625
mV
Vhsdif
High speed differential detection threshold
-
100
-
-
mV
Vhscm
High speed data signalling common mode voltage
range
-
-50
-
500
mV
Vhsoi
High speed idle level
-
-10
-
10
mV
Vhsoh
High speed data signaling high
-
360
-
440
mV
Vhsol
High speed data signaling low
-
-10
-
10
mV
Vchirpj
Chirp J level
-
700
-
1100
mV
Vchirpk
Chirp K level
-
-900
-
-500
mV
Table 91. USB OTG high speed electrical characteristics
Parameter
Comments
Conditions
Min Typ Max
Unit
tlr
Rise time
-
0.5
-
-
ns
tlf
Fall time
-
0.5
-
-
ns
tlrfm
Setup time from INHSDRIVERENABLE=1 to the
transition on INHSDATAP/INHSDATAN
-10
-
-
ns
Zdrv
Driver output impedance
-
40.5
-
49.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com