Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 211 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 207Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 208Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 209Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 210Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 211Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 212Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 213Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 214Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 229 page
background image
DS11853 Rev 6
211/229
STM32F722xx STM32F723xx
Package information
225
7.4
LQFP176 24 x 24 mm low-profile quad flat package
information
LQFP176 is a 176-pin, 24 x 24 mm low-profile quad flat package.
Figure 89. LQFP176 outline
1. Drawing is not to scale.
Table 118. LQFP176 mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.600
-
-
0.0630
A1
0.050
-
0.150
0.0020
-
0.0059
A2
1.350
-
1.450
0.0531
-
0.0060
b
0.170
-
0.270
0.0067
-
0.0106
C
0.090
-
0.200
0.0035
-
0.0079
D
23.900
-
24.100
0.9409
-
0.9488
1T_ME_V2
e
E
HE
D
HD
ZD
ZE
b
0.25 mm
gauge plane
A1
L
L1
k
IDENTIFICATION
PIN 1
Seating plane
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com