Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F723VCY7TR Datasheet(PDF) 160 Page - STMicroelectronics

Part # STM32F723VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCY7TR Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32F723VCY7TR Datasheet HTML 156Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 157Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 158Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 159Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 160Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 161Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 162Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 163Page - STMicroelectronics STM32F723VCY7TR Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 229 page
background image
Electrical characteristics
STM32F722xx STM32F723xx
160/229
DS11853 Rev 6
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 50 or Figure 51,
depending on whether VREF+ is connected to VDDA or not. The 10 nF capacitors should be
ceramic (good quality). They should be placed them as close as possible to the chip.
Figure 50. Power supply and reference decoupling (VREF+ not connected to VDDA)
1. VREF+ input is available on all the packages except LQFP64, whereas the VREF– is available only on
UFBGA176 and UFBGA144. When VREF- is not available, it is internally connected to VSSA.
Figure 51. Power supply and reference decoupling (VREF+ connected to VDDA)
1. VREF+ input is available on all the packages except LQFP64, whereas the VREF– is available only on
UFBGA176 and UFBGA144. When VREF- is not available, it is internally connected to VSSA.
STM32
1 μF // 10 nF
1 μF // 10 nF
VREF+
(1)
VDDA
VSSA/VREF+
(1)
ai17535c
STM32F
1 μF // 10 nF
ai17536c
VREF+/VDDA
VREF-/VSSA
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com