Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC550 Datasheet(PDF) 4 Page - DFI Inc

Part # EC550
Description  4th Gen Intel Core Modular-Designed Embedded System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC550 Datasheet(HTML) 4 Page - DFI Inc

  EC550 Datasheet HTML 1Page - DFI Inc EC550 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
Optional Items
Part Number
Description
CPU
785-1150DL
CPU, LGA1150, Long-Term Support, RoHS
Memory
785-RSOD38G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 8GB, RoHS
785-RSOD34G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 4GB, RoHS
785-RSOD32G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 2GB, RoHS
HDD
785-H25500G
2.5” SATA HDD, 500GB, RoHS
785-H25320G
2.5” SATA HDD, 320GB, RoHS
785-S251TBG
2.5" SATA SSD, 1TB MLC, RoHS
785-S25512G
2.5" SATA SSD, 512GB MLC, RoHS
785-S25256G
2.5" SATA SSD, 256GB MLC, RoHS
785-S25128G
2.5" SATA SSD, 128GB MLC, RoHS
785-S25064G
2.5" SATA SSD, 64GB MLC, RoHS
mSATA
785-MS128GMF
mSATA Card, 128GB MLC, RoHS
785-MS64GMF
mSATA Card, 64GB MLC, RoHS
785-MS32GMF
mSATA Card, 32GB MLC, RoHS
785-MS16GMF
mSATA Card, 16GB MLC, RoHS
785-MS08GMF
mSATA Card, 8GB MLC, RoHS
785-MS04GMF
mSATA Card, 4GB MLC, RoHS
Wi-Fi
761-110091-000G
Wi-Fi Kit, RoHS
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
Power Adapter
671-110003-100G
120W, 19V/6.31A, Level 6, RoHS
Wall Mount
761-EC5410-000G
Wall Mount Kit, RoHS
Ordering Information
Optional Items
Packing List
EC550/EC551-HD
4th Gen Intel® CoreTM
Modular-Designed Embedded System
Model Name
Part Number
Description
EC550-HD4861
750-EC5500-000G
Fan, i7/i5/i3, H81, 4 COM, 6 USB, 8-bit DIO, 5 PCI, RoHS
EC551-HD4861
750-EC5510-000G
Fan, i7/i5/i3, H81, 4 COM, 6 USB, 8-bit DIO, 4 PCI, 1 PCIe x16, RoHS
• 1 EC550/EC551 system unit
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 18, 2020 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com