Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 161Page - STMicroelectronics STM32L4R5VG Datasheet HTML 162Page - STMicroelectronics STM32L4R5VG Datasheet HTML 163Page - STMicroelectronics STM32L4R5VG Datasheet HTML 164Page - STMicroelectronics STM32L4R5VG Datasheet HTML 165Page - STMicroelectronics STM32L4R5VG Datasheet HTML 166Page - STMicroelectronics STM32L4R5VG Datasheet HTML 167Page - STMicroelectronics STM32L4R5VG Datasheet HTML 168Page - STMicroelectronics STM32L4R5VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 307 page
background image
Table 41. Current consumption in Sleep and Low-power sleep mode, Flash ON
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON
above 48 MHz
all peripherals
disable
Range 2
26 MHz
1.10
1.45
2.55
4.15
7.00
1.40
2.2
4.2
7.5
14.0
mA
16 MHz
0.78
1.15
2.25
3.80
6.65
1.00
1.8
3.8
7.1
14.0
8 MHz
0.52
0.87
1.95
3.55
6.35
0.72
1.5
3.5
6.8
13.0
4 MHz
0.38
0.74
1.85
3.40
6.25
0.57
1.4
3.4
6.7
13.0
2 MHz
0.32
0.63
1.75
3.35
6.15
0.50
1.3
3.3
6.6
13.0
1 MHz
0.29
0.61
1.75
3.30
6.10
0.46
1.3
3.3
6.5
13.0
100 KHz 0.26
0.58
1.70
3.25
6.10
0.43
1.2
3.2
6.5
13.0
Range 1
Boost Mode
120 MHz 4.20
4.70
6.25
8.40
12.00
4.80
6.0
8.7
13.0
21.0
Range 1
Normal
Mode
80 MHz
2.80
3.25
4.65
6.60
10.00
3.30
4.3
6.8
11.0
18.0
72 MHz
2.55
3.00
4.40
6.40
9.85
3.00
4.0
6.5
11.0
18.0
64 MHz
2.30
2.75
4.20
6.15
9.60
2.70
3.8
6.3
11.0
18.0
48 MHz
2.15
2.60
4.00
6.00
9.45
2.60
3.5
6.0
10.0
18.0
32 MHz
1.55
2.00
3.40
5.35
8.80
1.90
2.9
5.4
9.3
17.0
24 MHz
1.25
1.70
3.10
5.05
8.50
1.60
2.5
5.0
9.0
16.0
16 MHz
0.93
1.40
2.80
4.70
8.20
1.20
2.2
4.7
8.6
16.0
IDD
(LPSleep)
Supply
current in
Low-power
sleep mode
fHCLK = fMSI
all peripherals disable
2 MHz
235
625
1950
3750
6900
410
1400
3800
7500
14000
µA
1 MHz
220
605
1900
3700
6850
390
1400
3700
7500
14000
400 KHz
215
595
1900
3700
6850
390
1300
3700
7500
14000
100 KHz
210
595
1900
3700
6800
380
1300
3700
7500
14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com