Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 166Page - STMicroelectronics STM32L4R5VG Datasheet HTML 167Page - STMicroelectronics STM32L4R5VG Datasheet HTML 168Page - STMicroelectronics STM32L4R5VG Datasheet HTML 169Page - STMicroelectronics STM32L4R5VG Datasheet HTML 170Page - STMicroelectronics STM32L4R5VG Datasheet HTML 171Page - STMicroelectronics STM32L4R5VG Datasheet HTML 172Page - STMicroelectronics STM32L4R5VG Datasheet HTML 173Page - STMicroelectronics STM32L4R5VG Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 307 page
background image
Table 46. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Stop 1)
Supply current
in Stop 1
mode,
RTC disabled
-
1.8 V
120
430
1400
2750
5050
280
1100
3300
6500
13000
µA
2.4 V
120
430
1400
2750
5100
280
1100
3300
6500
13000
3 V
125
430
1400
2750
5100
280
1100
3300
6500
13000
3.6 V
120
430
1400
2750
5150
280
1100
3300
6600
13000(2)
IDD
(Stop 1
with
RTC)
Supply current
in STOP 1
mode,
RTC enabled
RTC clocked by LSI
1.8 V
120
430
1400
2700
5050
280
1100
3300
6500
13000
2.4 V
125
430
1400
2750
5100
280
1100
3300
6500
13000
3 V
125
430
1400
2750
5100
280
1100
3300
6600
13000
3.6 V
125
435
1400
2750
5150
280
1100
3300
6600
13000
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
120
430
1400
2750
5050
300
1100
3500
6900
13000
2.4 V
120
435
1400
2750
5100
300
1100
3500
6900
13000
3 V
125
435
1400
2750
5100
320
1100
3500
6900
13000
3.6 V
125
435
1400
2750
5150
320
1100
3500
6900
13000
RTC clocked by LSE
quartz(3) in low drive mode
1.8 V
120
420
1350
2700
-
300
1100
3400
6800
-
2.4 V
120
420
1350
2700
-
300
1100
3400
6800
-
3 V
120
420
1350
2700
-
300
1100
3400
6800
-
3.6 V
120
425
1350
2700
-
300
1100
3400
6800
-
IDD
(wakeup
from
Stop 1)
Supply current
during
wakeup from
Stop 1 mode
Wakeup clock is MSI = 48
MHz, voltage Range 1(4)
3 V
2.10
-
--
--
--
-
-
mA
Wakeup clock is MSI = 4
MHz, voltage Range 2(4)
3 V
0.70
-
--
--
--
-
-
Wakeup clock is HSI = 16
MHz, voltage Range 1(4)
3 V
1.50
-
--
--
--
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
4. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 52: Low-power mode wakeup timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com