Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 270 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 270 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 266Page - STMicroelectronics STM32L4R5VG Datasheet HTML 267Page - STMicroelectronics STM32L4R5VG Datasheet HTML 268Page - STMicroelectronics STM32L4R5VG Datasheet HTML 269Page - STMicroelectronics STM32L4R5VG Datasheet HTML 270Page - STMicroelectronics STM32L4R5VG Datasheet HTML 271Page - STMicroelectronics STM32L4R5VG Datasheet HTML 272Page - STMicroelectronics STM32L4R5VG Datasheet HTML 273Page - STMicroelectronics STM32L4R5VG Datasheet HTML 274Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 307 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
270/307
DS12023 Rev 5
Table 120. OctoSPI(1) characteristics in DTR mode (no DQS)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK
1/t(CK)
OctoSPI clock
frequency
1.71 V < VDD < 3.6 V
Voltage Range 1
CLOAD = 20 pF
--
58
MHz
2.7 V < VDD < 3.6 V
Voltage Range 1
CLOAD = 20 pF
--
60
1.71 V < VDD < 3.6 V
Voltage Range 1
CLOAD = 15 pF
--
60
1.71 V < VDD < 3.6 V
Voltage Range 2
CLOAD = 20 pF
--
26
tw(CKH)
OctoSPI clock high
and low time
-
t(CK)/2-1
-
t(CK)/2+0.5
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2+0.5
tsf(IN)
tsr(IN)
Data input
setup time
Voltage Range 1
0.5
-
-
Voltage Range 2
1
-
-
thf(IN)
thr(IN)
Data input
hold time
Voltage Range 1
7.75
-
-
Voltage Range 2
10.75
-
-
tvr(OUT)
tvf(OUT)
Data output
valid time
Voltage Range 1
DHQC = 0
-
4.5
6
DHQC = 1
Pres=1,2 ...
tpclk/4+1
tpclk/4+3
Voltage Range 2
DHQC = 0
8.5
12
thr(OUT)
thf(OUT)
Data output
hold time
Voltage Range 1
DHQC = 0
1
-
-
DHQC = 1
Pres=1,2 ...
tpclk/4-2
-
-
Voltage Range 2
DHQC = 0
3.5
-
-
1. Values in the table applies to Octal and Quad SPI mode.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com